Electronic Components Datasheet Search
  English  ▼

X  

RSP1 Datasheet(PDF) 5 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 5 Page - RFbeam Microwave GmbH

  RSP1 Datasheet HTML 1Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 2Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
5 Performance data
5.1 Overview
RSP1 is working at an internal clock frequency of 32MHz.
Radar I and Q signals pass a programmable gain amplifier (A=1 to 16). A 12Bit differential ADC running
at a 500kHz clock converts the amplified signals. I and Q channels are acquired quasi parallel with a time
shift of 2us.
Complex 256pt fixpoint FFT runs in parallel to the data aqcuisition. Time signal passes a Hanning
window and is then processed by the FFT.
Acquisition is interrupted only by a 300us windowing calculation time. All other signal processing is
performed in parallel to the data acquisition.
5.2 Internal Timing
Sampling timing depends on setting of parameter S03 (sampling rate). This results in following FFT
resolutions and measuring speed ranges:
Parameter S03 (hex)
fs (sampling freq.)
df (resolution)
max. speed
remark
01 … 08
S03 value * 1280Hz
5Hz to 40Hz
4.5km/h to 116km/h
allows direct readout of frequency
09
11.254kHz
44Hz (1km/h)
127km/h
allows direct readout of speed in km/h
0A
22.528kHz
88Hz (2km/h)
255km/h
allows direct readout of half speed
Fig. 5: Acquiring and processing executes in parallel. A small gap (t3) occurs during windowing
tacq
= 256 * 1/fs = 11.4ms … 200ms (with fs = 22.5kHz … 1280kHz)
t1
= 7.7ms
FFT
t2
= 2ms
Logarithmic result conversion
t3
= 0.3ms
Hanning window calculation
ADC Sampling of both channels is performed quasi-parallel with a maximum time shift of 2us max.
5.3 Response time
Response time on parameter requests on sampling rate fs (parameter S03):
tRmin
= 11.4ms * A03 value
(S03 = 0A)
tRmax
= 200ms * A03 value
(S03 = 01)
Update time on result parameters and digital outputs depend on sampling rate fs (parameter S03), on
and immunity value (parameter A03) and on FFT avaraging (parameter S02).
tUPDmin
= 11.4ms * A03 value
(S03 = 0A, S02 = 00)
or 22.8ms * A03 value (S02 = 01)
tUPDmax = 200ms * A03 value
(S03 = 01, S02 = 00)
or 400ms * A03 value
(S02 = 01)
See also chapter 8.4 Sampling Rate and Frequency Resolution
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
5/25
1
1
2
2
3
3
1
2
3
Sampling
Processing
t1
t2
tacq
t1
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com