Electronic Components Datasheet Search
  English  ▼

X  

RSP1 Datasheet(PDF) 7 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 7 Page - RFbeam Microwave GmbH

Back Button RSP1 Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 11Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
6 Detection Algorithm
Detection algorithms are based on the complex FFT (Fast Fourier Transform) of the I and Q analog
signal inputs.FFT output logarithmic in order to get good signal processing conditions for both large and
small signals.
FFT represents in fact many narrowband filters that reduce noise amplitude. RSP1 uses 256 point FFT
resulting in 128 bins (filters) for each forward and backward movements.
This kind of detection results in a much better sensitivity than simple comparator solutions.
Approximative gain in S/N ratio by using a 256pt FFT is 10 * log(128) = 21dB. In reality, more than
double detection range can be reached compared to comparator solution.
Signals and processing behaviour may be explored by the RFbeam tool RSP1_Scope,
connected at the serial debug port (see 7.5 Serial Debug Interface)
6.1 Adaptive noise detection
The advanced noise detection technique leads to the outstanding sensitivity of the RSP1 solution.
Noise is measured separately for each frequency represented by the FFT results. Two stages in noise
measurement exist:
1. After power-on, an initial noise curve is built by measuring the mean of each FFT frequency bin.
Number of means (measuring time) can be selected by Parameter S04.
2. Adaptive mean is continuously built during operation. Adaptation time constant ca nbe selected by
Parameter S0C
If using I/Q stereo sensors (like K-LC2, K-LC5 etc.), noise cancellation is very efficient, because
movement Doppler signals can be efficiently distinguished from noise signals.
Trigger level results from the sum of adaptive noise
threshold (Grey plot) and the sensitivity selected by
parameter A02.
Signal in the center is the DC offset caused by the
amplifier and ADC converter.
Noise and small signals looks very strong in logarithmic form of the FFT magnitude. Remember
that a signal difference of 1mVrms to 2mVrms produces same logarithmic magnitude difference
as a difference from 500mVrms to 1Vrms.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
7/25
Fig. 6: Signal levels used for object detection. Example: forward moving object
FFT
Trig level
I/Q signal
interference
interference
noise
mean
noise level
min.trigger margin (param S0A)
sensitivity (param A01)
Trigger threshold
signal level
backward
forward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com