Electronic Components Datasheet Search
  English  ▼

X  

RFA1 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # RFA1
Description  RADAR ACTIVATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RFA1 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  RFA1 Datasheet HTML 1Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 2Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 3Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 4Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 5Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 6Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RFA1 RADAR ACTIVATOR
Datasheet
Principle of Operation
RFA1 is a movement sensor containig a Doppler Radar module K-LC1a. Signal acquisition, amplifier
and digitizer are built in hardware, while timing and output are processed in a microcontroller.
RFA1 can operate in two modes:
•
Continuous mode, where the Radar module is always powered.
•
In pulsed mode, the Radar module is powered during approx. 4us and switched off during
200us (i.e. duty cycle of around 2%). During the off time, signal is stored in a sample&hold
(S&H) circuit.
Signal output frequency of the Radar module is 44Hz/km/h or 158Hz/m/s. Radar output voltage
depends on reflectivity, distance and direction of the moving object. It ranges from a few µV to some
mV.
This input signal is filtered and passes a band-stop at 100Hz. This reduces the influence of fluorescent
lights in countries with a mains frequency if 50Hz.
After a gain-adjustable amplifier, the amplified signal passes a window comparator. Comparator signal
contains double frequency of the input signal and is read by a microcontroller. Microcontroller performs
some digital filtering, timing and output control.
Fig. 4: Block Diagram
Application Notes
Connection Diagrams
Open collector output is universal and allows many different configurations. Fig. 5 shows two typical
situations. Output and RFA1 operating voltage may also be connected to separate power supplies.
Maximum output current should not exceed 20mA.
Maximum supply current is 45mA (continuous mode) or 10mA (energy saving mode).
© RFbeam Microwave GmbH www.rfbeam.ch
Page 4/7
DC
DC
S&H
1Hz ..4kHz
A = 1000...10'000
100Hz
T = 1s ...30min
4us/200us
6V...24VDC
NPN Output
Ground
Fig. 5: Examples: Left Relais, Right Controller
6 ...
24VDC
+
1
3
2
Ground
Output
Supply
6 ...
24VDC
+
1
3
2
Ground
Output
Supply
Controller
10k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com