Electronic Components Datasheet Search
  English  ▼

X  

RFA1 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # RFA1
Description  RADAR ACTIVATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RFA1 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  RFA1 Datasheet HTML 1Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 2Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 3Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 4Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 5Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 6Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RFA1 RADAR ACTIVATOR
Datasheet
Detection Field
RFA1 can be mounted as shown on the left to get
horizontally a “narrow field”. Rotating the module by 90°
results in a wider field.
Fig. 1 and Fig. 2 show typical detection fields for a walking
person at different sensitivity settings. Please note: these
values are typical and depend on many parameters. Please
refer also to chapter Application Notes.
Fig. 1 : Frontal response diagram
Fig. 2: Frontal response, RFA1 turned by 90°
Other characteristics are available for OEMs as options. Please contact info@RFbeam.ch.
Connectors and Control Elements
(1) Power and output connector
(2) Hold time setting
(3) Sensitivity setting
(4) Detection indicator LED
(5) Programming pads
(6) Expansion pads
Fig. 3: Control elements
© RFbeam Microwave GmbH www.rfbeam.ch
Page 3/7
1
2
3
5
6
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com