Electronic Components Datasheet Search
  English  ▼

X  

RFA1 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # RFA1
Description  RADAR ACTIVATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RFA1 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  RFA1 Datasheet HTML 1Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 2Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 3Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 4Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 5Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 6Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RFA1 RADAR ACTIVATOR
Datasheet
Features
•
Low Power Radar Movement Detector
•
Adjustable Sensitivity 1m to 10m for Persons
•
Adjustable Hold 1Second … 30 Minutes
•
Object Detection from 1cm/s … 80km/h
•
Selectable Continuous and Pulsed Mode
•
Power Supply 6V … 15VDC
•
7mA Supply Current in Pulsed Mode
•
Fluorescent Lamp Interference Suppression
Actual size
Applications
•
Energy Saving Applications
•
General Movement and Presence Detection
•
Surveillance Applications
•
Equipment Activation on Presence
•
Automatic Advertising Applications
•
Lighting Control
Description
RFA1 is a Radar based movement detector for
objects moving up to 80km/h in continuous
mode.
It consists of a Radar sensor and a processing
board. The output is an open collector driver
with adjustable hold time from 1 to 30 minutes.
Advanced pulsed technology allows
low
current operation at less than 10mA.
Sensitivity is adjustable between 1m and 10m
for persons.
RFA1 is expandable by different I/O modules.
Outline Dimensions
Pin Configuration
Pin arrangement: see left picture.
Pin
Description Typical Value
1
GND
0V, GND
2
VCC
6 … 24VDC
3
Output
no detection: high impedance
detection: sink to ground:
1V @ 20mA
Settings
Hold time ranges from 1 second
until 30 minutes. Time setting is
progressive.
Sensitivity sets the maximal
distance range. Setting is
approximately linear. Standard
version ranges from 1m ..10m.
© RFbeam Microwave GmbH www.rfbeam.ch
Page 1/7
1
max
min


Similar Part No. - RFA1

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFA1765-03 RFHIC-RFA1765-03 Datasheet
169Kb / 3P
Power Amplifier
RFA1855-03 RFHIC-RFA1855-03 Datasheet
171Kb / 3P
Power Amplifier
RFA1930-03 RFHIC-RFA1930-03 Datasheet
171Kb / 3P
Power Amplifier
RFA1950-03 RFHIC-RFA1950-03 Datasheet
171Kb / 3P
Power Amplifier
RFA1970-03 RFHIC-RFA1970-03 Datasheet
171Kb / 3P
Power Amplifier
More results

Similar Description - RFA1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BT32XAS PF-BT32XAS Datasheet
737Kb / 1P
Activator
BT34 PF-BT34 Datasheet
735Kb / 1P
Activator
BT37 PF-BT37 Datasheet
649Kb / 1P
Activator
BT43-RG-02 PF-BT43-RG-02 Datasheet
460Kb / 2P
Activator
BT65A PF-BT65A Datasheet
1,020Kb / 3P
Activator
BT65A-Y223199 PF-BT65A-Y223199 Datasheet
850Kb / 2P
Activator
BT65B PF-BT65B Datasheet
963Kb / 2P
Activator
BT65-F31-BY-EN PF-BT65-F31-BY-EN Datasheet
111Kb / 2P
Activator
BT65-F31K2-RG-EN PF-BT65-F31K2-RG-EN Datasheet
681Kb / 3P
Activator
BT115X PF-BT115X Datasheet
1Mb / 6P
Activator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com