Electronic Components Datasheet Search
  English  ▼

X  

K-LC3 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-LC3
Description  RADAR TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC3 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-LC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 4Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
K-LC3_V2 RADAR TRANSCEIVER
Datasheet
Features
3.3V Version of K-LC3
24 GHz K-band miniature transceiver
Dual 1 patch circular polarized antenna
Single balanced mixer with 50MHz bandwidth
Wide beam aperture 138°/132°
10dBm EIRP output power
25x25mm2 surface, <6mm thickness
Low cost design
K-LC3 Actual Size
Applications
Lowcost general purpose movement detectors
Security systems
Ceiling and wall mount surveillance system
Industrial sensors
Description
K-LC3 is a 2 patch Doppler module with a
nearly symmetrical wide beam for low cost
short distance applications.
Its typical applications are movement sensors
for security, lighting and building automation
applications This module may be an alternative
or a complementary sensor for infrared PIR or
AIR systems thanks to its outstanding per-
formance/cost ratio.
The module is extremely small and lightweight.
With an IF bandwidth from DC to 50MHz it
opens many new applications.
The unique RFbeam circular polarized antenna
forms allows much wider acquisition fields than
the traditional linear polarized patch antenna.
A powerful starterkit with signal conditioning
and visualization is available from RFbeam.
Find more informations on www.rfbeam.ch.
Blockdiagram
Fig. 1: Block diagram
© RFbeam Microwave GmbH, Schupisstrasse 7, CH-9016 St. Gallen
Page 1/4
IF output
K-LC3_V2
Tx
Rx


Similar Part No. - K-LC3

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
More results

Similar Description - K-LC3

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
radar transceiver
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com