Electronic Components Datasheet Search
  English  ▼

X  

K-LC3 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LC3
Description  RADAR TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC3 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 4Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
K-LC3_V2 RADAR TRANSCEIVER
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
3.0
3.3
3.6
V
Supply current
Icc
35
45
mA
Operating temperature
Top
-20
+60
°C
Storage temperature
Tst
-20
+80
°C
Transmitter
Transmitter frequency
Tamb=-20°C .. +60°C
fTX
24.150
24.200
24.250
GHz
Frequency drift vs temperature
Vcc=5.0V, -20°C .. +60°C Note 1
 fTX
-0.9
MHz/°C
Output power
EIRP
PTX
+6
+9
+12
dBm
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Turn-on time
Until oscillator stable,
fTX < 5MHz
ton
1
s
Receiver
Mixer Conversion loss
fIF = 1kHz, IF load = 1k
Dmixer1
-6
dB
fIF = 20MHz, IF load = 50
Dmixer2
-11
dB
Antenna Gain
FTX=24.125GHz Note 2
GAnt
4.8
dB
Receiver sensitivity
fIF =500Hz,B=1kHz,RIF =1k
,S/N=6dB
PRX1
-95
dBm
fIF =1MHz,B=20MHz,RIF =50
,S/N=6dB
PRX1
-83
dBm
Overall sensitivity
fIF =500Hz,B=1kHz,RIF =1k
,S/N=6dB
Dsystem
-104
dBc
IF output
IF resistance
RIF
50
IF frequency range
-3dB Bandwidth, IF load = 50
fIF
0
50
MHz
IF noise power
fIF =500Hz, IF load = 50
PIFnoise1
-137
dBm/Hz
fIF =1MHz, IF load = 50
PIFnoise2
-164
dBm/Hz
IF noise voltage
fIF =500Hz, IF load = 1k
UIFnoise1
-150
dBV/Hz
fIF =500Hz, IF load = 1k
UIFnoise1
31
nV/
Hz
IF output offset voltage
no object in range
UIF
10
200
mV
Supply rejection
Rejection supply pins to IF output
Dsupply
26
dB
Antenna
Antenna type
Right hand circular polarized
RHCP
Horizontal -3dB beamwidth
E-Plane
W
138
°
Vertical -3dB beamwidth
H-Plane
W
132
°
Horiz. sidelobe suppression
D
-12
dB
Vertical sidelobe suppression
D
-12
dB
Body
Outline Dimensions
25*25*6
mm3
Weight
4.5
g
Connector
3pin single row jumper
Note 1
Transmit frequency stays within 24.150 to 24.250GHz over the specified temperature range
Note 2
Theoretical value, given by Design
© RFbeam Microwave GmbH, Schupisstrasse 7, CH-9016 St. Gallen
Page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com