Electronic Components Datasheet Search
  English  ▼

X  

K-LC3 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-LC3
Description  RADAR TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC3 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-LC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC3 Datasheet HTML 4Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
K-LC3_V2 RADAR TRANSCEIVER
Datasheet
Antenna System Diagram
This diagram shows module sensitivity in both azimuth
and elevation directions. It incorporates both transmitter
and receiver antenna characteristics.
Fig. 2: System diagram
Pin Configuration
Pin
Description
Typical Value
1
VCC
3.3VDC supply
2
IF output
load 1kOhm
3
GND
ground
Outline Dimensions
Fig. 3: Mechanical data
© RFbeam Microwave GmbH, Schupisstrasse 7, CH-9016 St. Gallen
Page 3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com