Electronic Components Datasheet Search
  English  ▼

X  

K-LC2 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-LC2
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC2 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-LC2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
K-LC2 RADAR TRANSCEIVER
Datasheet
FM Characteristics
VCO Voltage generates an output signal even without an object in range because of the finite isolation
between transmitter and receiver path. This effect is called self-mixing and leads to a DC signal that
depends on the carrier frequency.
Mixer offset voltages are also dependent on production tolerances.
Pin Configuration
Pin
Description
Typical Value
1
IF Q output
load 1kOhm
2
VCC
5VDC supply
3
IF I output
load 1kOhm
4
GND
ground
5
VCO in
Open = f0
Outline Dimensions
Fig. 3: Mechanical data
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 4/5
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com