Electronic Components Datasheet Search
  English  ▼

X  

K-LC2 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-LC2
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC2 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-LC2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
K-LC2 RADAR TRANSCEIVER
Datasheet
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Antenna
Horizontal -3dB beamwidth
E-Plane
W
80
°
Vertical -3dB beamwidth
H-Plane
W
34
°
Horiz. sidelobe suppression
D
-12
-20
dB
Vertical sidelobe suppression
D
-12
-20
dB
Body
Outline Dimensions
25*25*6
mm3
Weight
4.5
g
Connector
5pin single row jumper
Note 1
The VCO input has an internal voltage source with approx. 0.9VDC. For driving this pin it is necessary to source and
sink current
Note 2
Transmit frequency stays within 24.050 to 24.250GHz over the specified temperature range when the VCO pin
is left open
Note 3
Theoretical value, given by Design
Antenna System Diagram
This diagram shows module sensitivity in both azimuth and elevation directions. It incorporates
therefore the transmitter and receiver antenna characteristics.
Horizontal 80° , vertical 34°
at IF output voltage -6dB
(corresponds to -3dB Tx power)
Remarks:
The broader the antenna, the
narrower the beam.
Fig. 2: System diagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 3/5
80°
34°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com