Electronic Components Datasheet Search
  English  ▼

X  

K-LC2 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LC2
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC2 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LC2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
K-LC2 RADAR TRANSCEIVER
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
4.75
5.0
5.25
V
Supply current
VCO Pin open
Icc
35
45
mA
VCO input voltage
Uvco
-0.5
2.0
V
VCO pin resistance
Driving voltage source Note 1
Rvco
570
Operating temperature
Top
-20
+60
°C
Storage temperature
Tst
-20
+80
°C
Transmitter
Transmitter frequency
VCO pin left open, Tamb=-20°C .. +60°C
fTX
24.050
24.125
24.250
GHz
Frequency drift vs temperature
Vcc=5.0V, -20°C .. +60°C Note 2
 fTX
-0.9
MHz/°C
Frequency tuning range
 fvco
140
MHz
VCO sensitivity
Svco
-55
MHz/V
VCO Modulation Bandwidth
f=20MHz
BVCO
3
MHz
Output power
EIRP
PTX
+12
+15
+17
dBm
Output power deviation
Full VCO tuning range
 PTX
+/- 1
dBm
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Turn-on time
Until oscillator stable,
fTX < 5MHz
ton
1
s
Receiver
Mixer Conversion loss
fIF = 1kHz, IF load = 1k
Dmixer1
-6
dB
fIF = 20MHz, IF load = 50
Dmixer2
-11
dB
Antenna Gain
FTX=24.125GHz Note 3
GAnt
8.6
dBi
Receiver sensitivity
fIF =500Hz,B=1kHz,RIF =1k
,S/N=6dB
PRX1
-96
dBm
fIF =1MHz,B=20MHz,RIF =50
,S/N=6dB
PRX1
-84
dBm
Overall sensitivity
fIF =500Hz,B=1kHz,RIF =1k
,S/N=6dB
Dsystem
-111
dBc
IF output
IF output resistance
RIF
50
IF frequency range
-3dB Bandwidth, IF load = 50
fIF
0
50
MHz
IF noise power
fIF =500Hz, IF load = 50
PIFnoise1
-134
dBm/Hz
fIF =1MHz, IF load = 50
PIFnoise2
-164
dBm/Hz
IF noise voltage
fIF =500Hz, IF load = 1k
UIFnoise1
-147
dBV/Hz
fIF =500Hz, IF load = 1k
UIFnoise1
45
nV/
Hz
IF output offset voltage
Full VCO range, no object in range
UIF
-200
200
mV
I/Q amplitude balance
fIF =500Hz, UIF = 1mVpp
 UIF
3
dB
I/Q phase shift
fIF = 1Hz - 20kHz
80
90
100
°
Supply rejection
Rejection supply pins to IF output
Dsupply
25
dB
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com