Electronic Components Datasheet Search
  English  ▼

X  

FP5138 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP5138
Description  Non-Synchronous PWM Boost Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5138 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP5138 Datasheet HTML 3Page - Feeling Technology Corp. FP5138 Datasheet HTML 4Page - Feeling Technology Corp. FP5138 Datasheet HTML 5Page - Feeling Technology Corp. FP5138 Datasheet HTML 6Page - Feeling Technology Corp. FP5138 Datasheet HTML 7Page - Feeling Technology Corp. FP5138 Datasheet HTML 8Page - Feeling Technology Corp. FP5138 Datasheet HTML 9Page - Feeling Technology Corp. FP5138 Datasheet HTML 10Page - Feeling Technology Corp. FP5138 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FP5138
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.62
7/16
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output Section
Output High Voltage
VOH1
RB=390
Ω, IO=-15mA
1.0
1.2
V
VOH2
RB=750
Ω, IO=-10mA,
VCC= 1.8V
0.8
1.0
V
Output Saturation Voltage
VOL1
RB=390
Ω, IO=15mA
0.1
0.2
V
VOL2
RB=750
Ω, IO=10mA,
VCC= 1.8V
0.1
0.2
V
Output Source Current
IOSOURCE RB=390
Ω, Vo=0.9V
-40
-20
mA
Output Sink Current
IOSINK
RB=390
Ω, Vo=0.3V
30
40
-
mA
Internal Pull-Down Resistor
RO
20
30
40
k
Ω
Output Current Setting / Control section
Pin Voltage
VBR
RB=390
Ω
0.15
0.22
0.3
V
Output Current Setting Resistance
RB
300
390
5000
Ω
Input Off Condition
IOFF
-20
0
μA
Input On Condition
ION
-45
μA
Pin Current Range
IBR
-1.8
-0.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com