Electronic Components Datasheet Search
  English  ▼

X  

FP5138 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP5138
Description  Non-Synchronous PWM Boost Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5138 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP5138 Datasheet HTML 1Page - Feeling Technology Corp. FP5138 Datasheet HTML 2Page - Feeling Technology Corp. FP5138 Datasheet HTML 3Page - Feeling Technology Corp. FP5138 Datasheet HTML 4Page - Feeling Technology Corp. FP5138 Datasheet HTML 5Page - Feeling Technology Corp. FP5138 Datasheet HTML 6Page - Feeling Technology Corp. FP5138 Datasheet HTML 7Page - Feeling Technology Corp. FP5138 Datasheet HTML 8Page - Feeling Technology Corp. FP5138 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FP5138
Non-Synchronous PWM Boost Controller
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.62
1/16
General Description
The FP5138 is a boost switching regulator controller IC for battery-used applications. The
FP5138 includes a totem-pole output stage for driving NPN transistor or N-MOS, high precision
reference (0.5V) for comparing output voltage by feedback amplifier, precision maximum duty cycle
control, programmable soft start with short circuit protection function and operating mode control
between operation and standby mode.
Features
Wide Supply Voltage Operating Range: 1.8 to 15V
Reference Voltage Precision: 2%
Low Current Consumption: 5.5mA in Operation Mode
Low Current Consumption: 1μA in Standby Mode
High Oscillator Frequency: 1MHz max.
Programmable Soft Start Function (SS)
Short Circuit Protection Function (SCP)
Totem-Pole Output with Adjustable ON / OFF Current (for NPN Transistors or n-Channel MOSFET)
Logic Level Control Stand-by Mode Function
Package:,SOP-8L and TSSOP-8L
Applications
Digital Camera
PDA
Portable Equipment


Similar Part No. - FP5138

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP5138 APITECH-FP5138 Datasheet
43Kb / 1P
RF AMPLIFIER MODEL
FP5138PM APITECH-FP5138PM Datasheet
49Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP5138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
logo
Feeling Technology Corp...
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
FP5209 FEELING-FP5209 Datasheet
308Kb / 10P
Non-Synchronous PWM Boost Controller
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
FP7208 FEELING-FP7208 Datasheet
555Kb / 13P
Non-Synchronous PWM Boost Controller for LED Driver
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
Non-Synchronous PWM Boost Controller
logo
Shenzhen Huazhimei Semi...
HM5307 HMSEMI-HM5307 Datasheet
954Kb / 15P
Non-Synchronous PWM Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com