Electronic Components Datasheet Search
  English  ▼

X  

FP5138 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP5138
Description  Non-Synchronous PWM Boost Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5138 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP5138 Datasheet HTML 6Page - Feeling Technology Corp. FP5138 Datasheet HTML 7Page - Feeling Technology Corp. FP5138 Datasheet HTML 8Page - Feeling Technology Corp. FP5138 Datasheet HTML 9Page - Feeling Technology Corp. FP5138 Datasheet HTML 10Page - Feeling Technology Corp. FP5138 Datasheet HTML 11Page - Feeling Technology Corp. FP5138 Datasheet HTML 12Page - Feeling Technology Corp. FP5138 Datasheet HTML 13Page - Feeling Technology Corp. FP5138 Datasheet HTML 14Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FP5138
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.62
10/16
Under Voltage Lockout (UVLO)
The under voltage lockout circuits turn the output off and whenever the supply voltage drops too
low (approximately 0.9V at 25
℃) for proper operation. A hysteresis voltage of 200mV eliminates false
triggering on noise and chattering.
Soft Start/ Short-circuit protection (SS / SCP
)
The soft start is functional after power on. The interval of soft start time is determined by a
capacitor connected to SCP pin (pin 2). When soft start function finished, the internal soft start voltage
is setting high, but external SCP pin is setting low in order to change to short circuit detection /
protection function.
The time of soft start is:

F
C
35
.
0
Tss
The short circuit protection is functional due to a heavy loading drop and output of error amplifier
(COMP pin) is maintain larger than VPOS (typ. 0.9V), the capacitor is charged until SCP threshold
voltage (typ. 0.8V), then FP5138 output is disable (internal pull-low) and the capacitor is discharged to
low.
The time of short circuit protection is:

F
C
8
.
0
Tscp
Output transistor
The FP5138 has a totem-pole transistor with a 40mA source/sink current rating to drive an
external NPN transistor or NMOS directly. The driving current capability depends on a resistor R that is
connected to BR/CTL pin (Pin4) of FP5138. (see figure 13)
FP5138
4
BR/CTL
R
Control
Q1
Figure 13 Output transistor driving control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com