Electronic Components Datasheet Search
  English  ▼

X  

MSM66P54 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM66P54
Description  One-Time Programmable (OTP) Speech Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P54 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM66P54 Datasheet HTML 1Page - OKI electronic componets MSM66P54 Datasheet HTML 2Page - OKI electronic componets MSM66P54 Datasheet HTML 3Page - OKI electronic componets MSM66P54 Datasheet HTML 4Page - OKI electronic componets MSM66P54 Datasheet HTML 5Page - OKI electronic componets MSM66P54 Datasheet HTML 6Page - OKI electronic componets MSM66P54 Datasheet HTML 7Page - OKI electronic componets MSM66P54 Datasheet HTML 8Page - OKI electronic componets MSM66P54 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s Package Drawings s
4-3
OKI SEMICONDUCTOR
PACKAGE DRAWINGS
Figure 1. MSM66P54 Mechanical Drawing (DIP20-P-300-W1 Package)
Figure 2. MSM66P54 Mechanical Drawing (SOP24-P-430-2K Package)
7.62
22.6 ±0.2
18
10
19
0.6 TYP.
4.57 MAX.
SEATING
PLANE
2.54
1.524
1.14 TYP.
0.46 +0.13/-0.08
ø0.25 M
Dimensions in mm.
1.2 ±0.2
24
13
112
0.99 TYP.
Dimensions in mm.
Index Mark
1.27
0.35 ±0.1
0.25 M
15.95 ±0.1
Seating Plane
0.2 +0.1/-0.05
0~10°
2.05 ±0.3
0 ~ 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com