Electronic Components Datasheet Search
  English  ▼

X  

MSM66P54 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66P54
Description  One-Time Programmable (OTP) Speech Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P54 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66P54 Datasheet HTML 9Page - OKI electronic componets MSM66P54 Datasheet HTML 10Page - OKI electronic componets MSM66P54 Datasheet HTML 11Page - OKI electronic componets MSM66P54 Datasheet HTML 12Page - OKI electronic componets MSM66P54 Datasheet HTML 13Page - OKI electronic componets MSM66P54 Datasheet HTML 14Page - OKI electronic componets MSM66P54 Datasheet HTML 15Page - OKI electronic componets MSM66P54 Datasheet HTML 16Page - OKI electronic componets MSM66P54 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s Electrical Characteristics s
4-13
OKI SEMICONDUCTOR
DC Characteristics (VDD = 5.0 V, GND = 0 V, Ta = -10 ~ 70˚ C)
Item
Symbol
Conditions
MIN
TYP
MAX
Unit
“H” input voltage
VIH
–
4.2
–
–
V
“L” input voltage
VIL
–
–
–
0.8
V
“H” output voltage
VOH
IOH = -1 mA
4.6
–
–
V
“L” output voltage
VOL
IOL = 2 mA
–
–
0.4
V
“H” input current 1
IIH1
VIH = VDD
––
10
µA
“H” input current 2
IIH2
Internal pull-down resistance
-200
-90
-30
µA
“L” input current 1
IIL1
VIL=GND
-10
–
–
µA
“L” input current 2
IIL2
Internal pull-up resistance
30
90
200
µA
Operating power consumption
IDD
––
6
10
mA
Standby power consumption
IDS
––
–
10
µA
LPF driving resistor
RAOUT
–50
–
–
k
Ω
LPF output impedance
RLFP
IF = 100 µA
–13
k
Ω
DC Characteristics (VDD = 3.1 V, GND = 0 V, Ta = -10 ~ 70˚ C)
Item
Symbol
Conditions
MIN
TYP
MAX
Unit
“H” input voltage
VIH
–
2.7
–
–
V
“L” input voltage
VIL
–
–
–
0.5
V
“H” output voltage
VOH
IOH = -1 mA
2.6
–
–
V
“L” output voltage
VOL
IOL = 2 mA
–
–
0.4
V
“H” input current 1
IIH1
VIH = VDD
––
10
µA
“H” input current 2
IIH2
Internal pull-down resistance
-100
-30
-10
µA
“L” input current 1
IIL1
VIL = GND
-10
–
–
µA
“L” input current 2
IIL2
Internal pull-up resistance
10
30
100
µA
Operating power consumption
IDD
–
–47
mA
Standby power consumption
IDS
–
––1
µA
LPF driving resistor
RAOUT
–50
–
–
k
Ω
LPF output impedance
RLPF
IF = 100 µA1
3
k
Ω
AC Characteristics (Standalone Mode, VDD = 5.0 V, GND = 0 V, Ta = 10 ~ 70˚ C)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Master clock duty cycle
fduty
–
405060
%
RESET input pulse width
tw(RST)
–10
–
–
µs
RESET input time after power-on
td(RST)
–
0––
µs
RND input pulse width
tw(RAN)
Function details 5.2
100
–
–
µs
SW0 ~ SW3 input pulse width
tw(SW)
–16
–
–
ms
BUSY output time
tSBS
––
–
10
µs
BUSY output time
tBN
At fSAM = 8 kHz
350
375
400
µs
Chattering prevention time
tCHA
–
141516
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com