Electronic Components Datasheet Search
  English  ▼

X  

MSM66P54 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM66P54
Description  One-Time Programmable (OTP) Speech Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P54 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM66P54 Datasheet HTML 1Page - OKI electronic componets MSM66P54 Datasheet HTML 2Page - OKI electronic componets MSM66P54 Datasheet HTML 3Page - OKI electronic componets MSM66P54 Datasheet HTML 4Page - OKI electronic componets MSM66P54 Datasheet HTML 5Page - OKI electronic componets MSM66P54 Datasheet HTML 6Page - OKI electronic componets MSM66P54 Datasheet HTML 7Page - OKI electronic componets MSM66P54 Datasheet HTML 8Page - OKI electronic componets MSM66P54 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
s MSM66P54 OTP Speech Synthesizer s––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
4-2
OKI SEMICONDUCTOR
The table below shows the additional functions available in the MSM6650 family when compared to the
family’s predecessor, the MSM637x family.
SPEECH DURATION
[1] Actual ROM area in MSM6652, MSM6653, MSM6654, MSM6655, and MSM6656 is smaller by 22 Kbits.
[2] Via external ROM only (no on-chip ROM available).
[3] OTP version.
Comparison of MSM6376 and MSM6650 Families
MSM6650 Family
MSM637x Family
Control Method
Standalone mode
Microcomputer mode - parallel input
Microcomputer mode - serial input
CPU input - software control
Speech synthesis method
4-bit ADPCM or
8-bit PCM/Melody PCM
4-bit ADPCM
“Beep” tone frequency (length)
0.5, 1.0, 1.6, or 2.0 kHz
(User-specified length of variable duration)
1.0 or 2.0 kHz, (User-specified length,
fixed at either 64, 128, 250, or 500 ms)
Sampling frequency (fS)
Eight frequencies
(4.0, 5.3, 6.4, 8.0, 10.6, 12.8, 16.0, or 32.0 kHz)
Three frequencies at two oscillator frequencies
(4.0, 6.4, or 8.0 kHz with fOSC = 64 kHz;
16.0, 25.6, or 32.0 kHz with fOSC = 256 kHz)
Master clock frequency
256 kHz (RC) / 4.096 MHz (crystal)
40 kHz ~ 256 kHz
LPF attenuation factor
–40 dB/octave
–24 dB/octave
LPF cut-off Frequency (fCUT), kHz
Maximum phrase number
127 (in MCU Interface Mode)
111
Pull-up/pull-down resistors
Built in
—
Standby conversion time
200 ms
3 Sec
Maximum external ROM
64 Mbit
16 Mbit
Added functions in edit ROM
Fade-out
Random playback
Melody playback
PCM playback
Serial input control
No Edit ROM
Type
Data ROM
Capacity [1]
Maximum Speech Duration
fSAM = 4.0 kHz
fSAM = 6.4 kHz
fSAM = 8.0 kHz
fSAM = 16.0 kHz
fSAM = 32.0 kHz
MSM6650
64 Mbits [2]
> 1 hour
> 40 minutes
> 30 minutes
> 15 minutes
> 8 minutes
MSM6652
288 Kbit
16.9 sec
10.5 sec
8.4 sec
4.2 sec
2.1 sec
MSM6653
544 Kbit
31.2 sec
19.5 sec
15.6 sec
7.8 sec
3.9 sec
MSM6654
1 Mbit
63.8 sec
39.9 sec
31.9 sec
15.9 sec
7.9 sec
MSM66P54 [3]
1 Mbit
63.8 sec
39.9 sec
31.9 sec
15.9 sec
7.9 sec
MSM6655
1.5 Mbit
96.5 sec
60.3 sec
48.2 sec
24.1 sec
12.0 sec
MSM6656
2 Mbit
129.1 sec
80.7 sec
64.5 sec
32.2 sec
16.1 sec
fCUT
1.8
2.6
2.6
3.2
4.2
5.1
6.4 12.8
fSAM
4.0
5.3
6.4
8.0 10.6 12.8 16.0 32.0
fCUT
1.5
3.0
3.0
fSAM
4.0
6.4
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com