Electronic Components Datasheet Search
  English  ▼

X  

FP6167 Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FP6167
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6167 Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FP6167 Datasheet HTML 1Page - Feeling Technology Corp. FP6167 Datasheet HTML 2Page - Feeling Technology Corp. FP6167 Datasheet HTML 3Page - Feeling Technology Corp. FP6167 Datasheet HTML 4Page - Feeling Technology Corp. FP6167 Datasheet HTML 5Page - Feeling Technology Corp. FP6167 Datasheet HTML 6Page - Feeling Technology Corp. FP6167 Datasheet HTML 7Page - Feeling Technology Corp. FP6167 Datasheet HTML 8Page - Feeling Technology Corp. FP6167 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FP6167
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.67
3/14
Pin Descriptions
DFN-12L
EP
Top View
Bottom View
EP
VIN2
GND
NC1
SW2
FB1
RUN2
FB2
SW1
NC2
GND
RUN1
VIN1
Marking Information
DFN-12L
Name
No. I / O
Description
VIN2
1
P
Second Channel Power Supply
SW2
2
O Second Channel Switch Output
GND
3
P
IC Ground
FB1
4
I
First Channel Feedback
NC1
5
No Connect
RUN1
6
I
First Channel Enable Pin
VIN1
7
P
First Channel Power Supply
SW1
8
O First Channel Switch Output
GND
9
P
IC Ground
FB2
10
I
Second Channel Feedback
NC2
11
No Connect
RUN2
12
I
Second Channel Enable Pin
EP
13
P
Exposed PAD – connect to Ground
Halogen Free
: Halogen free product indicator
Lot Number
: Wafer lot number’s last two digits
For Example: 132386TB  86
Internal ID
: Internal Identification Code
Per-Half Month
: Production period indicated in half month time unit
For Example: January → A (Front Half Month), B (Last Half Month)
February → C(Front Half Month), D (Last Half Month)
Year
: Production year’s last digit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com