Electronic Components Datasheet Search
  English  ▼

X  

FP6167 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP6167
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6167 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP6167 Datasheet HTML 1Page - Feeling Technology Corp. FP6167 Datasheet HTML 2Page - Feeling Technology Corp. FP6167 Datasheet HTML 3Page - Feeling Technology Corp. FP6167 Datasheet HTML 4Page - Feeling Technology Corp. FP6167 Datasheet HTML 5Page - Feeling Technology Corp. FP6167 Datasheet HTML 6Page - Feeling Technology Corp. FP6167 Datasheet HTML 7Page - Feeling Technology Corp. FP6167 Datasheet HTML 8Page - Feeling Technology Corp. FP6167 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FP6167
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.67
4/14
Ordering Information
Part Number
Operating Temperature
Package
MOQ
Description
FP6167dR-LF-ADJ
-40°
C ~ +85°C
DFN-12L
2500EA
Tape & Reel
Absolute Maximum Ratings
Parameter
Symbol Conditions
Min.
Typ.
Max.
Unit
Input Supply Voltage
VIN
-0.3
6
V
RUN, VFB, SW Voltage
-0.3
VIN
V
P-Channel Switch Source Current (DC)
1
A
N-Channel Switch Source Current (DC)
1
A
Peak SW Switch Sink and Source Current (AC)
2
A
Thermal Resistance (Junction to Ambient)
θJA
DFN-12L
+60
°C / W
Thermal Resistance (Junction to Case)
θJC
DFN-12L
+10
°C / W
Junction Temperature
+150
°C
Storage Temperature
-65
+150
°C
Lead Temperature (soldering, 10 sec)
DFN-12L
+260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com