Electronic Components Datasheet Search
  English  ▼

X  

FP6167 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP6167
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6167 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP6167 Datasheet HTML 1Page - Feeling Technology Corp. FP6167 Datasheet HTML 2Page - Feeling Technology Corp. FP6167 Datasheet HTML 3Page - Feeling Technology Corp. FP6167 Datasheet HTML 4Page - Feeling Technology Corp. FP6167 Datasheet HTML 5Page - Feeling Technology Corp. FP6167 Datasheet HTML 6Page - Feeling Technology Corp. FP6167 Datasheet HTML 7Page - Feeling Technology Corp. FP6167 Datasheet HTML 8Page - Feeling Technology Corp. FP6167 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FP6167
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.67
1/14
General Description
The FP6167 is a high efficiency current mode dual synchronous buck PWM DC-DC regulator.
The internal generated 0.6V precision feedback reference voltage is designed for low output voltage.
Low RDS(ON) synchronous switch dramatically reduces conduction loss. To extend battery life for
portable application, 100% duty cycle is supported for low-dropout operation. Shutdown mode also
helps saving the current consumption. The FP6167 is packaged in DFN-12L to reduce PCB space.
Features
Input Voltage Range: 2.5 to 5.5V
Adjustable Output Voltage From 0.6V to VIN
Precision Feedback Reference Voltage: 0.6V (±2%)
Output Current: 1A (Max.) Each Channel
Duty Cycle: 0~100%
Internal Fixed PWM Frequency: 1.5MHz
Low Quiescent Current: 160μA
No Schottky Diode Required
Built-in Soft Start
Current Mode Operation
Over Temperature Protection
Package: DFN-12L
Applications
Cellular Telephone
Wireless and DSL Modems
Digital Still Cameras
Portable Products
MP3 Players


Similar Part No. - FP6167

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
150mA High Voltage Low Dropout Linear Regulator
logo
API Technologies Corp
FP6160-4 APITECH-FP6160-4 Datasheet
525Kb / 1P
RF AMPLIFIER MODEL
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
FP6160BiR-LF-ADJ FEELING-FP6160BiR-LF-ADJ Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
FP6160BKR-LF-ADJ FEELING-FP6160BKR-LF-ADJ Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - FP6167

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com