Electronic Components Datasheet Search
  English  ▼

X  

LMV321TP Datasheet(PDF) 11 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 11 Page - 3PEAK INC.

Back Button LMV321TP Datasheet HTML 7Page - 3PEAK INC. LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. LMV321TP Datasheet HTML 10Page - 3PEAK INC. LMV321TP Datasheet HTML 11Page - 3PEAK INC. LMV321TP Datasheet HTML 12Page - 3PEAK INC. LMV321TP Datasheet HTML 13Page - 3PEAK INC. LMV321TP Datasheet HTML 14Page - 3PEAK INC. LMV321TP Datasheet HTML 15Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
www.3peakic.com.cn
REV A.02
A variation in temperature across the PCB can cause a mismatch in the Seebeck voltages at solder joints and
other points where dissimilar metals are in contact, resulting in thermal voltage errors. To minimize these
thermocouple effects, orient resistors so heat sources warm both ends equally. Input signal paths should contain
matching numbers and types of components, where possible to match the number and type of thermocouple
junctions. For example, dummy components such as zero value resistors can be used to match real resistors in
the opposite input path. Matching components should be located in close proximity and should be oriented in the
same manner. Ensure leads are of equal length so that thermal conduction is in equilibrium. Keep heat sources
on the PCB as far away from amplifier input circuitry as is practical.
The use of a ground plane is highly recommended. A ground plane reduces EMI noise and also helps to maintain
a constant temperature across the circuit board.
Instrumentation Amplifier
The LMV321TP/358TP/324TP OPA is well suited for conditioning sensor signals in battery-powered applications.
Figure 4 shows a two op-amp instrumentation amplifier, using the LMV321TP/358TP/324TP OPA.
The circuit works well for applications requiring rejection of Common Mode noise at higher gains. The reference
voltage (VREF) is supplied by a low-impedance source. In single voltage supply applications, VREF is typically
VDD/2.
VREF
VOUT
RG
R2
R2
R1
R1
V2
V1
11
12
2
2
=(
)(1
)
OUT
REF
G
RR
V
V
V
V
RR
Figure 4
Gain-of-100 Amplifier Circuit
Figure 5 shows a Gain-of-100 amplifier circuit using two LMV321TP/358TP/324TP OPAs.
It draws 74uA total
current from supply rail, and has a -3dB frequency at 100kHz. Figure 6 shows the small signal frequency
response of the circuit.
VOUT
VIN
90.9k
90.9k
10k
10k
-0.9V
+0.9V
Figure 5: 100k
Hz, 74μA Gain-of-100 Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com