Electronic Components Datasheet Search
  English  ▼

X  

LMV321TP Datasheet(PDF) 12 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 12 Page - 3PEAK INC.

Back Button LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. LMV321TP Datasheet HTML 10Page - 3PEAK INC. LMV321TP Datasheet HTML 11Page - 3PEAK INC. LMV321TP Datasheet HTML 12Page - 3PEAK INC. LMV321TP Datasheet HTML 13Page - 3PEAK INC. LMV321TP Datasheet HTML 14Page - 3PEAK INC. LMV321TP Datasheet HTML 15Page - 3PEAK INC. LMV321TP Datasheet HTML 16Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
REV A.02
www.3peakic.com.cn
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
Figure 6: Frequency response of 100kHz, 74uA Gain-of-100 Amplifier
Buffered Chemical Sensor (pH) Probe
The LMV321TP/358TP/324TP OPA has input bias current in the pA range. This is ideal in buffering high
impedance chemical sensors such as pH probe.
As an example, the circuit in Figure 7 eliminates expansive
low-leakage cables that that is required to connect pH probe to metering ICs such as ADC, AFE and/or MCU.
A
LMV321TP/358TP/324TP OPA and a lithium battery are housed in the probe assembly.
A conventional low-cost
coaxial cable can be used to carry OPA’s output signal to subsequent ICs for pH reading.
R1
10M
R2
10M
COAX
BATTERY
3V
(DURACELL
DL1620)
ALL COMPONENTS CONTAJNED WITHIN THE pH PROBE
GENERAL PURPOSE
COMBINATION
pH PROBE
(CORNING 476540)
pH
PROBE
To
ADC/AFE/MCU
Figure 7: Buffer pH Probe
Two-Pole Micro-power Sallen-Key Low-Pass Filter
Figure 8 shows a micro-power two-pole Sallen-Key Low-Pass Filter with 400Hz cut-off frequency.
For best
results, the filter’s cut-off frequency should be 8 to 10 times lower than the OPA’s crossover frequency. Additional
OPA’s phase margin shift can be avoided if the OPA’s bandwidth-to-signal ratio is greater than 8. The design
equations for the 2-pole Sallen-Key low-pass filter are given below with component values selected to set a
400Hz low-pass filter cutoff frequency:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com