Electronic Components Datasheet Search
  English  ▼

X  

LMV321TP Datasheet(PDF) 5 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 5 Page - 3PEAK INC.

  LMV321TP Datasheet HTML 1Page - 3PEAK INC. LMV321TP Datasheet HTML 2Page - 3PEAK INC. LMV321TP Datasheet HTML 3Page - 3PEAK INC. LMV321TP Datasheet HTML 4Page - 3PEAK INC. LMV321TP Datasheet HTML 5Page - 3PEAK INC. LMV321TP Datasheet HTML 6Page - 3PEAK INC. LMV321TP Datasheet HTML 7Page - 3PEAK INC. LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
www.3peakic.com.cn
REV A.02
Typical Performance Characteristics
Over-Shoot Voltage, CLOAD = 40nF, Gain = +1
Over-Shoot % vs. CLOAD, Gain = -1, RFB = 20kΩ
Over-Shoot Voltage, CLOAD=40nF, Gain= -1, RFB=100kΩ
Small-Signal Over-Shoot % vs. CLOAD, Gain = +1
Power-Supply Rejection Ratio
VIN = -0.2V to 5.7V, No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com