Electronic Components Datasheet Search
  English  ▼

X  

FP7175 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP7175
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7175 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP7175 Datasheet HTML 1Page - Feeling Technology Corp. FP7175 Datasheet HTML 2Page - Feeling Technology Corp. FP7175 Datasheet HTML 3Page - Feeling Technology Corp. FP7175 Datasheet HTML 4Page - Feeling Technology Corp. FP7175 Datasheet HTML 5Page - Feeling Technology Corp. FP7175 Datasheet HTML 6Page - Feeling Technology Corp. FP7175 Datasheet HTML 7Page - Feeling Technology Corp. FP7175 Datasheet HTML 8Page - Feeling Technology Corp. FP7175 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FP7175
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
4/14
Ordering Information
Part Number Code
Ambient Operating
Temperature
Junction Operating
Temperature
Package
MOQ
Description
FP7175LR-G1
CB
-25°C ~ +85°C
-25°C ~ +125°C
SOT23-6L
3000 EA
Tape & Reel
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power Supply Voltage
VIN
VIN to GND
100
V
VDD
VDD to GND
8.5
V
CS, DIM, GATE
-0.3
VDD-0.3V
V
Allowable Power Dissipation
PD
SOT23-6L TA≦+25°C
455
mW
Junction to Ambient Thermal
Resistance
θJA
220
°C / W
Operating Temperature
-25
+85
°C
Storage Temperature
TS
SOT23-6L
-40
+150
°C
SOT23-6L Lead Temperature
(soldering, 10 sec)
+260
°C
IR Re-flow Soldering Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com