Electronic Components Datasheet Search
  English  ▼

X  

FP7175 Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FP7175
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7175 Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FP7175 Datasheet HTML 5Page - Feeling Technology Corp. FP7175 Datasheet HTML 6Page - Feeling Technology Corp. FP7175 Datasheet HTML 7Page - Feeling Technology Corp. FP7175 Datasheet HTML 8Page - Feeling Technology Corp. FP7175 Datasheet HTML 9Page - Feeling Technology Corp. FP7175 Datasheet HTML 10Page - Feeling Technology Corp. FP7175 Datasheet HTML 11Page - Feeling Technology Corp. FP7175 Datasheet HTML 12Page - Feeling Technology Corp. FP7175 Datasheet HTML 13Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FP7175
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
9/14
Output Short Circuit Protection
The short circuit protection comparator trips when the voltage at CS exceeds 0.55V. When this
occurs, the GATE off-time THICCUP = 550μs is generated to prevent stair-casing of the inductor current
and potentially its saturation due to insufficient output voltage.
VCS
t
550mV
550mV
RCS
ILED
550us(Typ.)
Linear Dimming
When the voltage at DIM falls below 1.5V, the internal 250mV reference to the constant-current
feedback becomes overridden by VDIM • 0.167. As long as the current in the inductor remains
continuous, the LED current is given by the equation above. However, when VDIM falls below 200mV,
the GATE output becomes disabled. The GATE signal recovers, when VDIM exceeds 250mV. This is
required in some applications to be able to shut the LED lamp off with the same signal input that
controls the brightness.
100%
80%
60%
40%
20%
0%
0.3
0.6
0.9
1.2
1.5
DIM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com