Electronic Components Datasheet Search
  English  ▼

X  

FP7175 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP7175
Description  LED Driver with Average-Mode Constant Current Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7175 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP7175 Datasheet HTML 3Page - Feeling Technology Corp. FP7175 Datasheet HTML 4Page - Feeling Technology Corp. FP7175 Datasheet HTML 5Page - Feeling Technology Corp. FP7175 Datasheet HTML 6Page - Feeling Technology Corp. FP7175 Datasheet HTML 7Page - Feeling Technology Corp. FP7175 Datasheet HTML 8Page - Feeling Technology Corp. FP7175 Datasheet HTML 9Page - Feeling Technology Corp. FP7175 Datasheet HTML 10Page - Feeling Technology Corp. FP7175 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FP7175
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
7/14
Function Description
Input Voltage Regulator
The FP7175 can be powered directly from its VIN pin and can work from 8.5 - 100VDC at its VIN
pin. When a voltage is applied at the VIN pin, the FP7175 maintains a constant 7.5V at the VDD pin.
This voltage is used to power the IC and any external resistor dividers needed to control the IC. The
VDD pin must be bypassed by a low ESR capacitor to provide a low impedance path for the high
frequency current of the output GATE driver.
The FP7175 can also be operated by supplying a voltage at the VDD pin greater than the
internally regulated voltage. This will turn off the internal linear regulator of the IC and the FP7175 will
operate directly off the voltage supplied at the VDD pin. Please note that this external voltage at the
VDD pin should not exceed 8.5V.
In the above equation, fS is the switching frequency and QG is the GATE charge of the external
FET (which can be obtained from the datasheet of the FET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com