Electronic Components Datasheet Search
  English  ▼

X  

FP7201 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP7201
Description  Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7201 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP7201 Datasheet HTML 1Page - Feeling Technology Corp. FP7201 Datasheet HTML 2Page - Feeling Technology Corp. FP7201 Datasheet HTML 3Page - Feeling Technology Corp. FP7201 Datasheet HTML 4Page - Feeling Technology Corp. FP7201 Datasheet HTML 5Page - Feeling Technology Corp. FP7201 Datasheet HTML 6Page - Feeling Technology Corp. FP7201 Datasheet HTML 7Page - Feeling Technology Corp. FP7201 Datasheet HTML 8Page - Feeling Technology Corp. FP7201 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FP7201
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
5/14
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Junction Temperature Range
-40
+125
°C
Ambient Temperature Range
-40
+85
°C
DC Electrical Characteristics
(V
CC=3.7V, TA=25° ,unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
System Supply Input
Input Supply Range
VCC
2.7
5.5
V
Under Voltage Lockout
VUVLO
2.2
V
Quiescent Current
ICC
VFB=0.3V, No switching
0.3
mA
Average Supply Current
ICC
VFB=0V, Switching
0.5
mA
Shutdown Supply Current
ICC
VEN=GND
0.1
µA
Oscillator
Operation Frequency
FOSC
VFB=1.0V
0.9
1.2
1.5
MHZ
Frequency Change with Voltage
f
△
/
V
△
VCC=2.7V to 5.5V
2
%
Frequency Change with
Temperature
f
△
/
T
△
TA=-40
°C to 85°C
10
%
Maximum Duty Cycle
TDUTY
85
%
Reference Voltage
Feedback Voltage
VREF
0.24
0.25
0.26
V
Feedback Voltage Change with
Temperature
△
VREF /
T
△
TA=-40
°C to 25°C
1.5
%
TA=25
°C to 85°C
1.5
Line Regulation
VCC=2.7V
~5.5V
0.01
% / V
MOSFET
On Resistance of Driver
RDS (ON) ILX=0.1A
0.75
Ω
Protection
OVP Threshold Voltage
VOVP
27
V
OVP Sink Current
ISINK
5
µA
OCP Current
IOCP
750
mA
OTP Temperature
TOTP
+150
°C
Enable Voltage
VEN
1.5
V
Shutdown Voltage
VEN
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com