Electronic Components Datasheet Search
  English  ▼

X  

FP7201 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP7201
Description  Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7201 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP7201 Datasheet HTML 1Page - Feeling Technology Corp. FP7201 Datasheet HTML 2Page - Feeling Technology Corp. FP7201 Datasheet HTML 3Page - Feeling Technology Corp. FP7201 Datasheet HTML 4Page - Feeling Technology Corp. FP7201 Datasheet HTML 5Page - Feeling Technology Corp. FP7201 Datasheet HTML 6Page - Feeling Technology Corp. FP7201 Datasheet HTML 7Page - Feeling Technology Corp. FP7201 Datasheet HTML 8Page - Feeling Technology Corp. FP7201 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FP7201
Constant Current Switching Regulator for White LED
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
1/14
General Description
The FP7201 is a Boost DC-DC converter specifically designed to drive white LEDs with constant
current. The device can support 2 to 7 white LEDs for backlighting and camera flashing. This high
efficient regulator and internal compensation network minimizes as 5 external component counts.
Optimized operation frequency can meet the requirement of small LC filters value and low operation
current with high efficiency. The non-inverting input of error amplifier connects to a 0.25V precision
reference voltage and internal soft-start function can reduce the inrush current.
The FP7201 is available in the TSOT23-6L package and provides space-saving PCB for diverse
application fields.
Features
Precision Feedback Reference Voltage: 0.25V (4%)
Under Voltage Lockout Protection
Over Voltage Protection
Over Temperature Protection
Wide Frequency Range and Dimming with Zero-Inrush Current
Internal Soft-Start
Zero Shutdown Current
Adjustable Output up to 26V
Package: TSOT23-6L
Applications
Smart Phone LED Backlights
Digital Cameras
Camcorders
PDA LED Backlights
Typical Application Circuit


Similar Part No. - FP7201

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7201 APITECH-FP7201 Datasheet
66Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Diodes Incorporated
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
28V, 3A Buck Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com