Electronic Components Datasheet Search
  English  ▼

X  

FP7201 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP7201
Description  Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7201 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP7201 Datasheet HTML 3Page - Feeling Technology Corp. FP7201 Datasheet HTML 4Page - Feeling Technology Corp. FP7201 Datasheet HTML 5Page - Feeling Technology Corp. FP7201 Datasheet HTML 6Page - Feeling Technology Corp. FP7201 Datasheet HTML 7Page - Feeling Technology Corp. FP7201 Datasheet HTML 8Page - Feeling Technology Corp. FP7201 Datasheet HTML 9Page - Feeling Technology Corp. FP7201 Datasheet HTML 10Page - Feeling Technology Corp. FP7201 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FP7201
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
7/14
Efficie ncy v s. Input Voltage
70
72
74
76
78
80
82
84
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
4WLEDs
3WLEDs
ILED=20mA, L=4.7µH, DCR=0.25Ω
Efficie ncy v s. Input Voltage
70
72
74
76
78
80
82
84
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
4WLEDs
3WLEDs
ILED=20mA, L=4.7µH, DCR=0.25Ω
Switching Curre nt v s. Input Voltage
0.20
0.30
0.40
0.50
0.60
0.70
0.80
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
-40℃
25℃
85℃
M aximum Duty Cycle v s. Input Voltage
90.0
90.4
90.8
91.2
91.6
92.0
92.4
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
V
EN
V
REF
I
LED
f=100Hz, Duty=50%
VIN=3.7V, 4WLEDs, ILED=20mA
PWM Dimming from EN
V
EN
V
REF
I
LED
f=100Hz, Duty=50%
VIN=3.7V, 4WLEDs, ILED=20mA
PWM Dimming from EN
Curre nt Limit v s. Input Voltage
400
450
500
550
600
650
700
750
800
850
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT=12V, L=10µH
Curre nt Limit v s. Input Voltage
400
450
500
550
600
650
700
750
800
850
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT=12V, L=10µH
POR(Rising/Falling) v s. Te mpe rature
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-60
-40
-20
0
20
40
60
80
100
Temperature (℃)
Rising
Falling
POR(Rising/Falling) v s. Te mpe rature
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-60
-40
-20
0
20
40
60
80
100
Temperature (℃)
Rising
Falling
V
EN
V
REF
I
LED
f=1kHz, Duty=50%
VIN=3.7V, 4WLEDs, ILED=20mA
PWM Dimming from EN
V
EN
V
REF
I
LED
f=1kHz, Duty=50%
VIN=3.7V, 4WLEDs, ILED=20mA
PWM Dimming from EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com