Electronic Components Datasheet Search
  English  ▼

X  

FP7208 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP7208
Description  Non-Synchronous PWM Boost Controller for LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7208 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP7208 Datasheet HTML 1Page - Feeling Technology Corp. FP7208 Datasheet HTML 2Page - Feeling Technology Corp. FP7208 Datasheet HTML 3Page - Feeling Technology Corp. FP7208 Datasheet HTML 4Page - Feeling Technology Corp. FP7208 Datasheet HTML 5Page - Feeling Technology Corp. FP7208 Datasheet HTML 6Page - Feeling Technology Corp. FP7208 Datasheet HTML 7Page - Feeling Technology Corp. FP7208 Datasheet HTML 8Page - Feeling Technology Corp. FP7208 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FP7208
Non-Synchronous PWM Boost Controller for LED Driver
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
1/13
General Description
The FP7208 is boost topology switching regulator for LED driver. It provides built-in gate driver
pin for driving external N-MOSFET. The non-inverting input of error amplifier connects to a 0.2V
reference voltage. It has programmable soft start time set by external capacitor, and over voltage
protection set by external resistor. The LED current can be adjusted by an external signal connecting
to the EN pin. EN pin accepts either a DC voltage or a PWM signal. The PWM signal filter components
are contained within the chip.
Features
 Start-up Voltage: 2.5V
 Wide Supply Voltage Operating Range: 4.5V to 24V
 Precision Feedback Reference Voltage: 0.2V (Max.)
 Analog and Digital Dimming Control
 Shutdown Current: 6
μA (Max.)
 Internal Fixed Switching Frequency: 300KHz
 Programmable Soft Start Function (SS)
 Programmable Over Voltage Protection (OVP)
 Over Temperature Protection (OTP)
 Package: SOP-8L(EP)
Applications
 LED Module
 Display Backlight
 Car Lighting
 Portable LED Lighting
Typical Application Circuit
FP7208
OVP
EXT
HVDD
EN
VDS
VIN
VLED
COMP
FB
GND
SS
VIN


Similar Part No. - FP7208

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7208 APITECH-FP7208 Datasheet
64Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
Non-Synchronous PWM Boost Controller
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
FP5209 FEELING-FP5209 Datasheet
308Kb / 10P
Non-Synchronous PWM Boost Controller
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
Non-Synchronous PWM Boost Controller
logo
Shenzhen Huazhimei Semi...
HM5307 HMSEMI-HM5307 Datasheet
954Kb / 15P
Non-Synchronous PWM Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com