Electronic Components Datasheet Search
  English  ▼

X  

FP7208 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP7208
Description  Non-Synchronous PWM Boost Controller for LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7208 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP7208 Datasheet HTML 5Page - Feeling Technology Corp. FP7208 Datasheet HTML 6Page - Feeling Technology Corp. FP7208 Datasheet HTML 7Page - Feeling Technology Corp. FP7208 Datasheet HTML 8Page - Feeling Technology Corp. FP7208 Datasheet HTML 9Page - Feeling Technology Corp. FP7208 Datasheet HTML 10Page - Feeling Technology Corp. FP7208 Datasheet HTML 11Page - Feeling Technology Corp. FP7208 Datasheet HTML 12Page - Feeling Technology Corp. FP7208 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FP7208
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
11/13
Layout Considerations
1.
The power traces, consisting of the GND trace, the MOS drain trace and the VIN trace should
be kept short, direct and wide.
2.
Layout switching node MOS drain, inductor and schottky diode connection traces wide and short
to reduce EMI.
3.
Place C8 nearby HVDD pin as closely as possible to maintain input voltage steady and filter
noise.
4.
The sense resistor RS must be connected to FB pin directly and as closely as possible.
5.
FB is a sensitive node. Please keep it away from switching node, MOS drain.
6.
The GND of the Q2, C1, C2, C12 and C13 should be connected close and together directly to a
ground plane.
7.
The output capacitor C12 and C13 should be connected close and together directly to the ground
of Q2.
VLED
GND
1
2
3
4
5
6
7
8
VIN
Via to VIN
Via to GND
L1
C13
C12
D1
R3
C8
Q2
RS
C4
C3
C2
C1
FP7208
EXT
HVDD
EN
VDS
COMP
FB
GND
SS
OVP
C6
Via to GND
R4
Via to
VLED
Via to GND
Via to
Control
Via to
SS
Via to
VIN
R8
R9
D3
R7
Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com