Electronic Components Datasheet Search
  English  ▼

X  

FP7208 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP7208
Description  Non-Synchronous PWM Boost Controller for LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7208 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP7208 Datasheet HTML 1Page - Feeling Technology Corp. FP7208 Datasheet HTML 2Page - Feeling Technology Corp. FP7208 Datasheet HTML 3Page - Feeling Technology Corp. FP7208 Datasheet HTML 4Page - Feeling Technology Corp. FP7208 Datasheet HTML 5Page - Feeling Technology Corp. FP7208 Datasheet HTML 6Page - Feeling Technology Corp. FP7208 Datasheet HTML 7Page - Feeling Technology Corp. FP7208 Datasheet HTML 8Page - Feeling Technology Corp. FP7208 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FP7208
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
2/13
Function Block Diagram
PWM
Comp.
Error Amp.
Control
and
Driver
Logic
Oscillator
EXT
UVLO
EN
300KHz
GND
VRAMP
LDO
LDO
HVDD
VDS = 8.5V
VDDI = 3.5V
VDS
FB
DIM
Max.
0.2V
COMP
SS
Soft
Start
OVP
OVP
Level = 0.7V
Shutdown
Circuit
Pin Descriptions
SOP-8L (EP)
1
2
3
4
8
7
6
5
EN
HVDD
SS
Top View
FB
VDS
COMP
OVP
EXT
EP
(GND)
Bottom View
Name
No.
I / O
Description
VDS
1
P
Power Supply for Internal Control Circuits and
Gate Drivers
EN
2
I
Enable and Dimming Control
COMP
3
O
Compensation
FB
4
I
Error Amplifier Inverting Input
SS
5
I
Soft Start Programming
OVP
6
I
Over Voltage Protection
HVDD
7
P
IC Power Supply
EXT
8
O
Gate Driver Output
GND
9
P
IC Ground (Exposed PAD)
– Must Connect to
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com