| Electronic Components Datasheet Search |
|
MSM6775 Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM6775 Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 13 page ![]() 4/13 ¡ Semiconductor MSM6775 PIN DESCRIPTIONS Symbol Type OSC-IN I OSC-C O OSC-R O DATA I CLOCK I LOAD I BLANK I COM5 COM1 to SEG80 SEG1 to VLC2 — VLC1 VDD VLC3 VSS O O — DSEL1 I DSEL2 I Pins for oscillation. The oscillator circuit is configured by externally connecting two resistors and a capacitor. Make the wiring length as short as possible, because the resistor connected to the OSC-IN pin has a higher value and the circuit is susceptible to external noise. Serial data input pin. The display goes on when input data is at "H" level, and it goes off when input data is at "L" level. Shift clock input pin. Data from the DATA pin is transferred in synchronization with the rising edge of the shift clock. (Built-in Schmitt circuit is used.) Load signal input pin. Serially input data is transferred to the 80-bit latch at "H" level of this load signal, then held at "L" level. Input pin that turns off all segments. The entire display goes off when "L" level is applied to this pin. The display returns to the previous state when "H" level is applied. Input pins to select 1/3, 1/4, or 1/5 duty. Following shows how each duty is selected. DSEL2 DSEL1 L L L H H X Duty selected 1/3 1/4 1/5 X: Don't care Display output pins for LCD. These pins are connected to the COMMON side on the LCD panel. Display output pins for LCD. These pins are connected to the SEGMENT side on the LCD panel. For the correspondence between the output of these pins and input data, see Section, "Data Structure". Bias pins for LCD drive. Through these pins, bias voltages for the LCD are externally supplied. The bias potential must meet the following condition: VDD>VLC1≥VLC2>VLC3 Supply voltage pin and ground pin. Description |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |