Electronic Components Datasheet Search
  English  ▼

X  

MSM6775 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6775
Description  1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6775 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6775 Datasheet HTML 1Page - OKI electronic componets MSM6775 Datasheet HTML 2Page - OKI electronic componets MSM6775 Datasheet HTML 3Page - OKI electronic componets MSM6775 Datasheet HTML 4Page - OKI electronic componets MSM6775 Datasheet HTML 5Page - OKI electronic componets MSM6775 Datasheet HTML 6Page - OKI electronic componets MSM6775 Datasheet HTML 7Page - OKI electronic componets MSM6775 Datasheet HTML 8Page - OKI electronic componets MSM6775 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
¡ Semiconductor
MSM6775
GENERAL DESCRIPTION
The MSM6775 is an LCD driver for dynamic display providing 3-duty-switchable pins (1/3, 1/
4 and 1/5 duty). It can directly drive LCDs of up to 400, 320 and 240 segments when 1/5, 1/4
and 1/3 duty are selected, respectively.
FEATURES
• Operating range
Supply voltage (VDD)
: 2.7 to 5.5V
Operating temperature (Top)
: –40 to +85
°C
LCD driving voltage (VDD-VLC3)
: 3.5 to 5.5V
• Segment output
: 80 pins
1/5 duty
: Up to 400 segments can be displayed.
1/4 duty
: Up to 320 segments can be displayed.
1/3 duty
: Up to 240 segments can be displayed.
• Serial transfer clock frequency
: 4MHz
• Serial interface with CPU
: Through three input pins (DATA, LOAD, and
CLOCK)
• One-to-one corresponcence between input data and its output
When input data is at "H" level
: Display goes on.
When input data is at "L" level
: Display goes off.
• Built-in oscillator circuit for COMMON signals
• The entire display can be turned off. (BLANK pin)
• Package:
100-pin plastic TQFP (TQFP100-P-1414-0.50-K) (Product name : MSM6775TS-K)
¡ Semiconductor
MSM6775
1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
SEGMENT DRIVER
E2B0012-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM6775

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6778 OKI-MSM6778 Datasheet
62Kb / 7P
120-DOT COMMON DRIVER (TAB)
MSM6778B OKI-MSM6778B Datasheet
90Kb / 8P
120-DOT COMMON DRIVER (TAB)
MSM6779 OKI-MSM6779 Datasheet
80Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
MSM6779B OKI-MSM6779B Datasheet
102Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
More results

Similar Description - MSM6775

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6786 OKI-MSM6786 Datasheet
192Kb / 17P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
logo
List of Unclassifed Man...
ML9471 ETC2-ML9471 Datasheet
558Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
ML9473 ETC2-ML9473 Datasheet
407Kb / 20P
1/3, 1/4, 1/5 Duty 60 Output LCD Driver
logo
LAPIS Semiconductor Co....
ML9471 LAPIS-ML9471 Datasheet
412Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com