Electronic Components Datasheet Search
  English  ▼

X  

MSM6775 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6775
Description  1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6775 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6775 Datasheet HTML 3Page - OKI electronic componets MSM6775 Datasheet HTML 4Page - OKI electronic componets MSM6775 Datasheet HTML 5Page - OKI electronic componets MSM6775 Datasheet HTML 6Page - OKI electronic componets MSM6775 Datasheet HTML 7Page - OKI electronic componets MSM6775 Datasheet HTML 8Page - OKI electronic componets MSM6775 Datasheet HTML 9Page - OKI electronic componets MSM6775 Datasheet HTML 10Page - OKI electronic componets MSM6775 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
¡ Semiconductor
MSM6775
AC Characteristics
tWLO
VIH2
VIL2
VIH2
VIL2
tDH
tr1
VIL1
VIL1
tWLC
tWHC
tf1
VIL1
VIH1
VIH1
VIL1
VIL2
VIL2
VIH2 VIH2
tLC
tWHL
tCL
1/fCP
VIL1
VIL1
VIL1
VIH1
VIH1
1/fOSC
tr2
tf2
tWHO
DATA
CLOCK
LOAD
OSC-IN
(VIH1=0.85VDD
VIL1=0.15VDD)
(VIH2=0.8VDD
VIL2=0.2VDD )
tDS
Parameter
Clock Frequency
Clock "H" Time
Clock "L" Time
Symbol
Condition
Min
Max
Applicable pin
fCP
tWHC
tWLC
—
—
—
70
70
4.0
CLOCK
Unit
MHZ
ns
ns
Data Set-up Time
tDS
—50
DATA
ns
Data Hold Time
tDH
—50
CLOCK
ns
Load "H" Time
tWHL
—
100
LOAD
ns
Clock-to-load Time
tCL
—
100
CLOCK
ns
Load-to-clock Time
tLC
—
100
LOAD
ns
Rise time, Fall Time
tr1, tf1
—50
CLOCK
ns
OSC-IN Input Frequency
fOSC
—20
kHZ
OSC-IN "H" Time
tWHO
—20
OSC-IN
ms
OSC-IN "L" Time
tWLO
—20
ms
Rise Time, Fall Time
tr2, tf2
100
ns
(VDD=2.7 to 5.5V, Ta=–40 to +85°C)
—
—
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com