Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 60 Page - Nuvoton Technology Corporation

Part # M0519
Description  ARM짰 Cortex짰-M0 32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M0519 Datasheet(HTML) 60 Page - Nuvoton Technology Corporation

Back Button M0519 Datasheet HTML 56Page - Nuvoton Technology Corporation M0519 Datasheet HTML 57Page - Nuvoton Technology Corporation M0519 Datasheet HTML 58Page - Nuvoton Technology Corporation M0519 Datasheet HTML 59Page - Nuvoton Technology Corporation M0519 Datasheet HTML 60Page - Nuvoton Technology Corporation M0519 Datasheet HTML 61Page - Nuvoton Technology Corporation M0519 Datasheet HTML 62Page - Nuvoton Technology Corporation M0519 Datasheet HTML 63Page - Nuvoton Technology Corporation M0519 Datasheet HTML 64Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
M0519
Nov. 02, 2016
Page 60 of 69
Rev 1.02
Analog Characteristics
7.4
7.4.1
12-bit SARADC
PARAMETER
SYMBOL
CONDITON
MIN.
TYP.
MAX.
UNIT
Resolution
-
-
-
12
Bit
Differential nonlinearity error
DNL
-
-1~2
-1~4
LSB
Integral nonlinearity error
INL
-
±2
±4
LSB
Offset error
EO
-
±1
10
LSB
Full scale error
EG
-
1
1.005
LSB
Monotonic
-
Guaranteed
ADC clock frequency
FADC
AVDD = 5V
-
-
16
MHz
AVDD = 3V
-
-
8
Sample rate
FS
AVDD = 5V
-
-
800
ksps
AVDD = 3V
-
-
400
Sample time
TS
-
8
-
Clock
Conversion time
TADC
-
12
-
Clock
Supply voltage
AVDD
2.5
-
5.5
V
VREF voltage
VREF
2.0
AVDD
Supply current
IDDA
-
1.5
-
mA
Reference current
IREF
-
1
-
mA
Input voltage
VIN
0
-
VREF
V
Capacitance
CIN
-
5
-
pF
7.4.2
LDO
PARAMETER
MIN.
TYP.
MAX.
UNIT
NOTE
Input Voltage VDD
2.5
5.5
V
VDD input voltage
Output Voltage
1.62
1.8
1.98
V
VDD > 2.5 V
Operating Temperature
-40
25
105
℃
Cbp
-
1
-
F
RESR = 1 Ω
Note:
1. It is recommended that a 10 uF or higher capacitor and a 100 nF bypass capacitor are connected between VDD and the
closest VSS pin of the device.
2. To ensure power stability, a 1
F or higher capacitor must be connected between LDO_CAP pin and the closest V
SS
pin of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com