Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 64 Page - Nuvoton Technology Corporation

Part # M0519
Description  ARM짰 Cortex짰-M0 32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M0519 Datasheet(HTML) 64 Page - Nuvoton Technology Corporation

Back Button M0519 Datasheet HTML 60Page - Nuvoton Technology Corporation M0519 Datasheet HTML 61Page - Nuvoton Technology Corporation M0519 Datasheet HTML 62Page - Nuvoton Technology Corporation M0519 Datasheet HTML 63Page - Nuvoton Technology Corporation M0519 Datasheet HTML 64Page - Nuvoton Technology Corporation M0519 Datasheet HTML 65Page - Nuvoton Technology Corporation M0519 Datasheet HTML 66Page - Nuvoton Technology Corporation M0519 Datasheet HTML 67Page - Nuvoton Technology Corporation M0519 Datasheet HTML 68Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
M0519
Nov. 02, 2016
Page 64 of 69
Rev 1.02
Flash DC Electrical Characteristics
7.5
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
Supply Voltage
1.62
1.8
1.98
V
[2]
NENDUR
Endurance
10000
cycles
[1]
TRET
Data Retention
At 25℃
100
year
TERASE
Page Erase Time
20
ms
TMER
Mass Erase Time
40
ms
TPROG
Program Time
40
μs
IDD1
Read Current
-
0.15
0.5
mA/MHz
IDD2
Program/Erase Current
7
mA
Note : This table is guaranteed by design, not test in production.
[1] Number of program/erase cycles.
[2] VDD is source from chip LDO output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com