Electronic Components Datasheet Search
  English  ▼

X  

TM1680 Datasheet(PDF) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1680
Description  LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1680 Datasheet(HTML) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1680 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1680 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
©Titan Micro Electronics
www.titanmec.com
V1.3
32*8 & 24*16 LED 驱动芯片 TM1680
特性描述
TM1680是一种存储器交换LED显示控制的驱动芯片,可以选择多重的ROW/COM模式(32ROW/8COM和
24ROW/16COM),可以用来驱动点阵 LED。该芯片提供了软件设置的 16 个级别的脉宽调制控制输出,
可以调整 LED 循环显示的亮度。利用串行接口(I2C通信接口)串行输入的方式,可以便捷地进入命令
模式 (COMMAND、MDOE )和数据模式 (DATA 、MODE),只需要简单的命令就可以建立起主控芯片和
TM1680 的通信。通过 TM1680 便可以进行持续的输出显示,在 LED 灯的显示中具有广泛的应用性,如
工业仪表控制,数字钟/温度计/计数器/电压表显示,仪表数据的读出,LED显示,智能手环等应用。本
产品性能优良,质量可靠。
功能特点
工作电压2.4~5.5V
32ROW*8COM 和 24ROW*16COM 两种显示方案可选
综合显示存储器——64*4显示RAM(32ROW*8COM),96*4显示RAM(24ROW*16COM)
16 个级别脉宽调制控制亮度
内置 256KHz RC振荡器
I2C接口(SDA、SCL)通讯
数据模式和命令模式指令
可选的 NMOS 输出渠道和PMOS 输出渠道
封装形式:LQFP48、LQFP52
内部结构框图
控制和时
序电路
时序脉冲
发生器
显存
LED驱动
PWM控制
SCL
SDA
A1
A0
VDD
VSS
OSC
CYNC
COM0
COM7
ROW0
ROW23
ROW24/COM15
ROW31/COM8
LED_VSS
LED_VDD
2
2
图1


Similar Part No. - TM1680

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1681 TITAN-TM1681 Datasheet
771Kb / 18P
LED
More results

Similar Description - TM1680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com