Electronic Components Datasheet Search
  English  ▼

X  

255 Datasheet(PDF) 7 Page - Pentair plc. All rights reserved.

Part # 255
Description  This manual is a reference and will not include every system installation situation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

255 Datasheet(HTML) 7 Page - Pentair plc. All rights reserved.

Back Button 255 Datasheet HTML 3Page - Pentair plc. All rights reserved. 255 Datasheet HTML 4Page - Pentair plc. All rights reserved. 255 Datasheet HTML 5Page - Pentair plc. All rights reserved. 255 Datasheet HTML 6Page - Pentair plc. All rights reserved. 255 Datasheet HTML 7Page - Pentair plc. All rights reserved. 255 Datasheet HTML 8Page - Pentair plc. All rights reserved. 255 Datasheet HTML 9Page - Pentair plc. All rights reserved. 255 Datasheet HTML 10Page - Pentair plc. All rights reserved. 255 Datasheet HTML 11Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Programming
1. Set days of regeneration on skipper wheel (Figure 11).
• Pull all skipper pins outward (away from control).
• Rotate skipper wheel until day arrow points to current
day or number 1.
• Depress skipper pin(s) at day(s) for which regeneration
is desired.
2. Set the time of day.
• Grasp timer knob and pull outward.
• Rotate in either direction until the timer arrow points to
the actual time of day.
• Release timer knob.
NotE:
With the time of day properly set, the conditioner will
regenerate at about 2:30 a.m. If you prefer to have the
unit regenerate at an earlier or later time, simply set
current time-of-day accordingly (e.g., to have the unit
regenerate at 4:30 a.m.—two hours later—set the
clock two hours earlier than the actual time of day.)
NotE:
the timer locking Pin should always be horizontal
(Figure 11) during operation.
460i Control
Transformer
Plug Receptacle
hour Time Display
Access Door
Water Flow Indicator
Time Set button
Raised Tab
Indicator knob
Timer
Locking Pin
PM Indicator
Spare Jumper
Jumper
Figure 11
Programming
Plug the wall-mount transformer into a functioning electrical
outlet that is not controlled by a switch. Plug the transformer
into the transformer plug receptacle on the control.
Open the access door by pushing the raised tab on the door
toward the left while pulling the tab out (Figure 12).
time of Day Setting
With the jumper on the set of pins next to the word TIME
(Figure 13), set the time of day to the closest hour by pressing
the black TIME SET button. PM hours are indicated by a light
next to the letters PM on the display window.
NotE:
the use of a small needle-nose pliers will aid in
moving the jumper.
NotE:
the unit is factory set to regenerate at 2:00 a.m. If
you prefer to have the unit regenerate at an earlier
or later time, simply set the current time of day
accordingly (e.g., to have the unit regenerate at 4:00
a.m.—two hours later—set the clock two hours
earlier than the actual time of day).
NotE:
the timer locking Pin should always be horizontal
(Figure 12) during operation.
Hardness Setting
Move the jumper to the set of pins next to the word hARDNESS
(Figure 14). Press the black TIME SET button until the
hardness of the incoming water supply is displayed. The
hardness range is from 1 to 99 grains per gallon.
To change water hardness stated in parts per million (PPM) to
grains per gallon (GPG) use this formula:
Parts per Million
= Grains Per Gallon
17.1
Figure 12
Figure 13
Figure 14
Capacity Setting
Move the jumper to the set of pins next to the word CAPACITY
(Figure 15). Press the black TIME SET button until the correct
capacity value is displayed. The capacity range is 1 to 99
kilograins. Refer to the Suggested Salt Dial Settings table.
Return the jumper to the top set of pins next to the word TIME
and replace the access door. The jumper must NOT be left
on any pins other than the top pair next to the word TIME.
Otherwise, the unit may show a blank display.
NotE:
A spare jumper is located on the bottom set of pins.
In the event that the hardness or capacity setting
must be changed, simply follow the appropriate steps
described above.
Calendar override Setting
1. Disconnect power.
2. Place jumper on Pin A and reconnect power.
3. Move jumper to Pin b. A zero will appear, indicating
zero days of calendar override. All 460i controllers are
preprogrammed in this manner at the manufacturer.
4. Depress the black TIME SET button. The numbers will roll
from “0” to “15.” Release the switch at the desired number
of days for the calendar override. For example, releasing
the switch at “10” would program a 10-day
calendar override.
5. Disconnect power.
6. Place jumper back on TIME and reconnect power.
7. The calendar override program is maintained during power
outages by the NOVRAM circuitry.
8. To remove the calendar override, follow the same steps
above and program back to “0.”
ProGrAMMING continued
Autotrol® 255 Valve/400 Series Service Manual • 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com