Electronic Components Datasheet Search
  English  ▼

X  

255 Datasheet(PDF) 12 Page - Pentair plc. All rights reserved.

Part # 255
Description  This manual is a reference and will not include every system installation situation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

255 Datasheet(HTML) 12 Page - Pentair plc. All rights reserved.

Back Button 255 Datasheet HTML 8Page - Pentair plc. All rights reserved. 255 Datasheet HTML 9Page - Pentair plc. All rights reserved. 255 Datasheet HTML 10Page - Pentair plc. All rights reserved. 255 Datasheet HTML 11Page - Pentair plc. All rights reserved. 255 Datasheet HTML 12Page - Pentair plc. All rights reserved. 255 Datasheet HTML 13Page - Pentair plc. All rights reserved. 255 Datasheet HTML 14Page - Pentair plc. All rights reserved. 255 Datasheet HTML 15Page - Pentair plc. All rights reserved. 255 Datasheet HTML 16Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
255 SErIES
TO
SET
TIM
E O
F DA
Y
PUL
L KN
OB
AND
ROTA
TE
MAN
UAL
REG
ENE
RAIO
N:
PRE
SS
KNO
B AN
D TU
RN
COU
NTE
R-
CLO
CKW
ISE
TO"S
TAR
T" Ð
REL
EAS
E
6P
M
3P
M
9A
M
6A
M
3A
M
NOON
MIDN
IGH
T
BA
CKW
AS
H
ST
AR
T
CONDIT
IONE
D
WATE
R
FAST
RINS
E /
REFIL
L
BRIN
E/
DAY
SLO
W RINSE
NotE:
Do not use pipe joint compound when threading pipe
into the Noryl piping boss. use only plumber pipe
tape. Do not overtighten pipe into Noryl piping boss.
1
8
9
7
6
5
4
3
2
B Y PASS
B Y PASS
12 •Autotrol® 255 Valve/400 Series Service Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com