Electronic Components Datasheet Search
  English  ▼

X  

255 Datasheet(PDF) 9 Page - Pentair plc. All rights reserved.

Part # 255
Description  This manual is a reference and will not include every system installation situation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

255 Datasheet(HTML) 9 Page - Pentair plc. All rights reserved.

Back Button 255 Datasheet HTML 5Page - Pentair plc. All rights reserved. 255 Datasheet HTML 6Page - Pentair plc. All rights reserved. 255 Datasheet HTML 7Page - Pentair plc. All rights reserved. 255 Datasheet HTML 8Page - Pentair plc. All rights reserved. 255 Datasheet HTML 9Page - Pentair plc. All rights reserved. 255 Datasheet HTML 10Page - Pentair plc. All rights reserved. 255 Datasheet HTML 11Page - Pentair plc. All rights reserved. 255 Datasheet HTML 12Page - Pentair plc. All rights reserved. 255 Datasheet HTML 13Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Guest Cycle (Manual regeneration)
When abnormally high water usage exhausts your
water conditioner’s capacity ahead of schedule, an extra
regeneration can be achieved. Depress the indicator knob on
the 440i (Figure 11) with a wide-blade screwdriver and turn
COUNTERCLOCkWISE to START to initiate a regeneration.
For the 460i, simply depress the indicator knob (Figure 12).
It will take a few minutes for regeneration to start. A normal
regeneration will take approximately two hours.
SErVICE AND MAINtENANCE
Inspect and clean brine tank and screen filter on end of brine
pickup tube once a year or when sediment appears in the
bottom of the brine tank.
Clean injector screen and injector once a year:
1. Unplug the wall-mount transformer.
2. Shut off water supply or put bypass valve(s) into
bypass position.
3. Relieve system pressure by opening valve No. 5 (at rear)
with a screwdriver.
4. Using a screwdriver, remove injector screen and injector
cap (Figure 16).
5. Clean screen using a fine brush. Flush until clean.
6. Using a needle-nose pliers, pull injector straight out.
7. Flush water into the injector screen recess of the valve
body to flush debris out through the injector recess.
8. Clean and flush the injector.
9. Lubricate the o-rings on the injector, injector cap and
injector screen with silicone lubricant.
10. Reinstall the injector, injector cap and injector screen. See
IMPORTANT note.
11. Plug the wall-mount transformer into outlet; reset time
of day.
12. Slowly open water supply valve or return bypass valve(s) to
the “not in bypass” position.
IMPortANt: Do not overtighten the plastic cap. Seat the cap
lightly into position. Overtightening may cause breakage of the
plastic cap that may not be immediately evident.
Screen
Injector
Injector Cap
Figure 20
Disinfection of Water Conditioners
The materials of construction of the modern water conditioner
will not support bacterial growth, nor will these materials
contaminate a water supply. During normal use, a conditioner
may become fouled with organic matter, or in some cases with
bacteria from the water supply. This may result in an off-taste
or odor in the water.
Some conditioners may need to be disinfected after
installation and some conditioners will require periodic
disinfection during their normal life.
Depending upon the conditions of use, the style of conditioner,
the type of ion exchanger, and the disinfectant available, a
choice can be made among the following methods.
Sodium or Calcium Hypochlorite Application
These materials are satisfactory for use with polystyrene
resins, synthetic gel zeolite, greensand and bentonites.
5.25% Sodium Hypochlorite
These solutions are commonly known as household bleach.
If stronger solutions are used, such as those sold for
commercial laundries, adjust the dosage accordingly.
1. Dosage
g. Polystyrene resin; 1.2 fluid ounce (35.5 ml) per
cubic foot.
h. Non-resinous exchangers; 0.8 fluid ounce (23.7 ml) per
cubic foot.
2. brine tank conditioners
a. backwash the conditioner and add the required
amount of hypochlorite solution to the well of the
regenerant tank. The regenerant tank should have
water in it to permit the solution to be carried into the
conditioner.
b. Proceed with the normal regeneration.
Calcium Hypochlorite
Calcium hypochlorite, 70% available chlorine, is available in
several forms including tablets and granules. These solid
materials may be used directly without dissolving before use.
1. Dosage
a. Two grains (approximately 0.1 ounce [3 ml]) per
cubic foot.
2. Regenerant tank conditioners
a. backwash the conditioner and add the required
amount of hypochlorite to the well of the regenerant
tank. The regenerant tank should have water in it to
permit the chlorine solution to be carried into the
conditioner.
b. Proceed with the normal regeneration.
ProGrAMMING continued
Autotrol® 255 Valve/400 Series Service Manual • 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com