Electronic Components Datasheet Search
  English  ▼

X  

LD5525 Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD5525
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5525 Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD5525 Datasheet HTML 3Page - Leadtrend Technology LD5525 Datasheet HTML 4Page - Leadtrend Technology LD5525 Datasheet HTML 5Page - Leadtrend Technology LD5525 Datasheet HTML 6Page - Leadtrend Technology LD5525 Datasheet HTML 7Page - Leadtrend Technology LD5525 Datasheet HTML 8Page - Leadtrend Technology LD5525 Datasheet HTML 9Page - Leadtrend Technology LD5525 Datasheet HTML 10Page - Leadtrend Technology LD5525 Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LD5525
06/30/2015
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5525-DS-00 June 2015
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Soft Start
Soft Start Time
VCS_OFF
from
0.2V
to
0.5V
TSS
5
ms
Open Loop Protection
OLP Trip Level
VOLP
4.3
4.5
4.7
V
OLP delay time
After soft-start
TD_OLP
72
80
88
ms
On Chip OTP (Over Temperature)
OTP Level
(1,2)
TINOTP
140
C
OTP Hysteresis
(1,2)
TINOTP_HYS
30
C
Notes:
1.
Guaranteed by design.
2.
The threshold temperature for enabling the output again and resetting the latch after OTP has been activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com