Electronic Components Datasheet Search
  English  ▼

X  

LD5525 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5525
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5525 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5525 Datasheet HTML 1Page - Leadtrend Technology LD5525 Datasheet HTML 2Page - Leadtrend Technology LD5525 Datasheet HTML 3Page - Leadtrend Technology LD5525 Datasheet HTML 4Page - Leadtrend Technology LD5525 Datasheet HTML 5Page - Leadtrend Technology LD5525 Datasheet HTML 6Page - Leadtrend Technology LD5525 Datasheet HTML 7Page - Leadtrend Technology LD5525 Datasheet HTML 8Page - Leadtrend Technology LD5525 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD5525
06/30/2015
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5525-DS-00 June 2015
Multi-Mode PWM Controller of Flyback with
Integrated BNI/BNO and Protection
REV. 00
General Description
In order to enhance the efficiency performance, the
LD5525 integrates the multi-mode PWM controller,
which consists of Quasi-Resonant (QR) PWM control for
light load condition and Continue Conduction Mode
(CCM) for heavy load condition. Moreover, the QR
controller not only gains the system performance, but
also brings the worse EMI capability, while the
frequency swapping function of LD5525 can reduce the
EMI emission of SMPS and helps the power circuit
designers to simply deal with EMI filter and saves
several component and developing time.
The LD5525 is implemented in SOT-26 package, and
includes the comprehensive protection function, such as
Over Load Protection (OLP), Over Voltage Protection
(OVP), Output Short Circuit Protection (OSCP) and
internal
Over
Temperature
Protection
(OTP).
Furthermore, the programmable Brown-in/out Protection
is built-in.
Features
Secondary-side feedback control with
quasi-resonant operation
Low Startup Current (<3
A)
0.5mA Ultra-low operating current at light load
Current Mode Control with Cycle-by-Cycle Current
Limit
Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
VCC OVP (Over Voltage Protection)
Adj. OVP (Over Voltage Protection) on FB pin.
Adj. UVP (Under Voltage Protection) on FB pin.
Adjustable Brown in/out on FB pin.
OLP (Over Load Protection)
External OTP (Over Temperature Protection) on
CS Pin
Internal OTP (Over Temperature Protection)
Gate Source/Sink Capability: 250mA/-500mA
Applications
Switching AC/DC Adaptor
Typical Application
EMI
Filter
FB
OUT
CS
VCC
GND
COMP
LD5525
photocoupler
AC
input
DC
Output
NTC


Similar Part No. - LD5525

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5523D2 LEADTREND-LD5523D2 Datasheet
968Kb / 17P
PWMQR Multi-mode Controller with Primary Side Regulation
REV. 00
LD5523D2GL LEADTREND-LD5523D2GL Datasheet
968Kb / 17P
PWMQR Multi-mode Controller with Primary Side Regulation
REV. 00
LD5523K LEADTREND-LD5523K Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523KGL LEADTREND-LD5523KGL Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523KGN LEADTREND-LD5523KGN Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
More results

Similar Description - LD5525

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
Green mode PFC/Flyback-PWM Controller
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
Green mode PWM Flyback Controller
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8635 EXCELLIANCE-EM8635 Datasheet
291Kb / 13P
Green mode PWM Flyback Controller with Brown-Out Protection
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com