Electronic Components Datasheet Search
  English  ▼

X  

MSM6779 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6779
Description  160-DOT SEGMENT DRIVER (TCP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6779 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6779 Datasheet HTML 1Page - OKI electronic componets MSM6779 Datasheet HTML 2Page - OKI electronic componets MSM6779 Datasheet HTML 3Page - OKI electronic componets MSM6779 Datasheet HTML 4Page - OKI electronic componets MSM6779 Datasheet HTML 5Page - OKI electronic componets MSM6779 Datasheet HTML 6Page - OKI electronic componets MSM6779 Datasheet HTML 7Page - OKI electronic componets MSM6779 Datasheet HTML 8Page - OKI electronic componets MSM6779 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MSM6779
¡ Semiconductor
4/9
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
VDD
Ta=25˚C
–0.3 to 6.5
V
Supply Voltage (2)
VDD–VEE*1
Ta=25˚C
0 to 30
V
Input Voltage
VI
Ta=25˚C
–0.3 to VDD+0.3
V
Storage Temperature
TSTG
—
–30 to +85
˚C
*1 V1>V3>V4>VEE, VDD≥V1>V3≥VDD–10 V, VEE+10 V≥V4>VEE
V1=V1L=V1R, V3=V3L=V3R, V4=V4L=V4R, VEE=VEEL=VEER
RECOMMENDED OPERATING CONDITIONS
*1 V1>V3>V4>VEE, VDD≥V1>V3≥VDD–7 V, VEE+7 V≥V4>VEE
V1=V1L=V1R, V3=V3L=V3R, V4=V4L=V4R, VEE=VEEL=VEER
Note: Unlike mold packages, TCP has a low light resistance. Therefore,
they are protected from light.
Parameter
Symbol
Condition
Range
Unit
Supply Voltage (1)
VDD
—
2.7 to 5.5
V
Supply Voltage (2)
VDD–VEE*1
—
14 to 28
V
Operating Temperature
Top
—
–20 to +75
˚C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com