Electronic Components Datasheet Search
  English  ▼

X  

MSM6779 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6779
Description  160-DOT SEGMENT DRIVER (TCP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6779 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6779 Datasheet HTML 1Page - OKI electronic componets MSM6779 Datasheet HTML 2Page - OKI electronic componets MSM6779 Datasheet HTML 3Page - OKI electronic componets MSM6779 Datasheet HTML 4Page - OKI electronic componets MSM6779 Datasheet HTML 5Page - OKI electronic componets MSM6779 Datasheet HTML 6Page - OKI electronic componets MSM6779 Datasheet HTML 7Page - OKI electronic componets MSM6779 Datasheet HTML 8Page - OKI electronic componets MSM6779 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MSM6779
¡ Semiconductor
1/9
GENERAL DESCRIPTION
The MSM6779 is a LCD dot matrix segment driver. Fabricated in CMOS technology, the device
consists of 160-bit latches I and II, a 160-bit level shifter, and a 4-level driver. The MSM6779
latches the 4-bit parallel display data sent from a microcontroller or a LCD controller to generate
a LCD driving signal. This MSM6779 has a power-save function that sets all the drivers except
one to the low supply current status (IDD SBY).
This driver's 3V-operation allows significant reduction in current consumption, suitable for
battery-driving. The bias voltage to specify a drive level can be supplied externally. The
MSM6779 can be used for various types of LCD panels.
FEATURES
• Logic supply voltage
: 2.7 V to 5.5 V
• LCD drive voltage
: A wide range from 14 V to 28 V
• Applicable LCD duty
: 1/64 to 1/256
• The bias voltage can be supplied externally.
• LCD outputs
: 160
• A power-save function to reduce power consumption in a large-screen LCD panel.
• A 4-bit parallel data transfer to reduces its transfer speed to 1/4 of conventional serial transfer,
providing low power consumption.
• Data transfer clock frequency
: 6.5 MHz (VDD=4.5 V)
4.0 MHz (VDD=2.7 V)
• 35mm-wide-film TCP
Tin-plating
User area
: 8 mm
¡ Semiconductor
MSM6779
160-DOT SEGMENT DRIVER (TCP)
E2B0026-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM6779

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6779B OKI-MSM6779B Datasheet
102Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
More results

Similar Description - MSM6779

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5259 OKI-MSM5259 Datasheet
179Kb / 18P
40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5839B OKI-MSM5839B Datasheet
128Kb / 11P
40-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM5839C OKI-MSM5839C Datasheet
102Kb / 9P
40-DOT SEGMENT DRIVER
MSM6568A OKI-MSM6568A Datasheet
58Kb / 8P
160-DOT COMMON DRIVER
MSM6599B OKI-MSM6599B Datasheet
130Kb / 11P
80-DOT SEGMENT DRIVER
MSM6779B OKI-MSM6779B Datasheet
102Kb / 9P
160-DOT SEGMENT DRIVER (TCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com