Electronic Components Datasheet Search
  English  ▼

X  

MSM6779 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6779
Description  160-DOT SEGMENT DRIVER (TCP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6779 Datasheet(HTML) 6 Page - OKI electronic componets

  MSM6779 Datasheet HTML 1Page - OKI electronic componets MSM6779 Datasheet HTML 2Page - OKI electronic componets MSM6779 Datasheet HTML 3Page - OKI electronic componets MSM6779 Datasheet HTML 4Page - OKI electronic componets MSM6779 Datasheet HTML 5Page - OKI electronic componets MSM6779 Datasheet HTML 6Page - OKI electronic componets MSM6779 Datasheet HTML 7Page - OKI electronic componets MSM6779 Datasheet HTML 8Page - OKI electronic componets MSM6779 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MSM6779
¡ Semiconductor
6/9
Switching Characteristics
Note: The above values are quaranteed when TCP is protected from light.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock Frequency
fCP
DUTY=50%, VDD=2.7 V
—
—
4.0
MHz
Clock Pulse Width
tW1
—
90——
ns
Load Pulse Width
tW2
—
110
—
—
ns
Clock Pulse Rise/Fall Time
tr, tf
—
——20
ns
EIO1, EIO2 Set-up Time
tESU
—
80——
ns
EIO1, EIO2 Hold Time
tEHD
—
80——
ns
Data Set-up Time
tDSU
—
80——
ns
Data Hold Time
tDHD
—
65——
ns
Clock Load Time 1
tCL1
—0
—
—
ns
Clock Load Time 2
tCL2
—
100
—
—
ns
Load Clock Time 1
tLC1
—
100
—
—
ns
Load Clock Time 2
tLC2
—
100
—
—
ns
Propagation Delay Time
tPHL
CL=15 pF
—
—
380
ns
D0~D3
0.8 VDD
0.2 VDD
CP
tW1
tf
tr
tW1
tW1
0.8 VDD
0.8 VDD
0.8 VDD
0.8 VDD
0.2 VDD
0.2 VDD
0.8 VDD
0.2 VDD
0.8 VDD
0.2 VDD
0.2 VDD
0.2VDD
0.2 VDD
0.2 VDD
0.2 VDD
LOAD
tf
tr
tDSU
tDHD
tPHL
tESU
tEHD
tCL2
tLC1
tCL1
tLC2
tW2
0.8 VDD
CP
LOAD
1
2
38
39
40
41
EIO1, EIO2 (Output)
EIO1, EIO2 (Input)
(2.7£VDD<4.5 V, Ta=–20 to +75˚C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com