Electronic Components Datasheet Search
  English  ▼

X  

TD9518 Datasheet(PDF) 4 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9518
Description  Power-Distribution Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9518 Datasheet(HTML) 4 Page - TECHCODE SEMICONDUCTOR, INC.

  TD9518 Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
October, 20, 2011.
Techcode Semiconductor Limited
www.techcodesemi.com
4
Techcode®
USB Power-Distribution Switches
TD9516/TD9517/TD9518/TD9519
DATASHEET
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.7~5.5
V
VCC
VCC Supply Voltage
4.5 ~ 5.5
V
IOUT
OUT Output Current (TD9516/TD9518)
0~1
A
OUT Output Current (TD9517/TD9519)
0~ 2.4
A
T
A
Ambient Temperature
-40 ~ 85
o
C
T
J
Junction Temperature
-40 ~ 125
o
C
Note: Refer to the typical application circuit.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
JA
Junction-to-Ambient Resistance in Free Air
235
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com