Electronic Components Datasheet Search
  English  ▼

X  

TD9518 Datasheet(PDF) 12 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9518
Description  Power-Distribution Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9518 Datasheet(HTML) 12 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD9518 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 11Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 12Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 13Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 14Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 15Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 16Page - TECHCODE SEMICONDUCTOR, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
October, 20, 2011.
Techcode Semiconductor Limited
www.techcodesemi.com
12
Techcode®
USB Power-Distribution Switches
TD9516/TD9517/TD9518/TD9519
DATASHEET
Operating Waveforms(Cont.)
TD9516A, VIN =5V, OUT short to GND,
CIN =COUT=33
F/Electrolytic
CH1: VEN, 5V/Div, DC
CH2: VOCB, 5V/Div, DC
CH3: IOUT, 1A/Div, DC
TIME: 5ms/Div
TD9516A, VIN =5V, CIN =COUT=33
F/Electrolytic
CH1: VOCB, 5V/Div, DC
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 1A/Div, DC
TIME: 5ms/Div
TD9516A, VIN =5V, OUT Short to GND,
CIN =33
F/Electrolytic, No COUT
CH1: VIN, 2V/Div, DC
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 5A/Div, DC
TIME: 50
s/Div
TD9517A, VIN =5V, RLOAD =1k
 2.2
CIN =COUT=33
F/Electrolytic
CH1: VOUT, 1V/Div, DC
CH2: IOUT, 1A/Div, DC
TIME: 1ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com