Electronic Components Datasheet Search
  English  ▼

X  

TD9518 Datasheet(PDF) 2 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD9518
Description  Power-Distribution Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD9518 Datasheet(HTML) 2 Page - TECHCODE SEMICONDUCTOR, INC.

  TD9518 Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD9518 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
October, 20, 2011.
Techcode Semiconductor Limited
www.techcodesemi.com
2
Techcode®
USB Power-Distribution Switches
TD9516/TD9517/TD9518/TD9519
DATASHEET
Pin Description
Pin Number
Pin
Name
Description
TD9516/
TD9517
TD9518/
TD9519
1
5
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When ENB is
high or EN is low, the output voltage is discharged by an internal resistor.
2
2
GND
Ground.
3
1
OCB
Fault Indication Pin. This pin goes low when a current limit or an
over-temperature condition is detected after a 12ms deglitch time.
4
3
EN
Enable Input. Pulling this pin to high will enable the device and pulling this pin to
low will disable device. The EN pin cannot be left floating.
ENB
Enable Input. Pulling this pin to high will enable the device and pulling this pin to
low will disable device. The EN pin cannot be left floating.
5
4
VIN
Power Supply Input. Connect this pin to external DC supply.
Ordering Information
TD951X □ □ □
Circuit Type
Packing:
A/B:
A- Enable High
Blank:Tube
B- Enable Low
R:Type and Reel
T:SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com