Electronic Components Datasheet Search
  English  ▼

X  

MBSP-3 Datasheet(PDF) 11 Page - Pentair plc. All rights reserved.

Part # MBSP-3
Description  BATTERY BACKUP SYSTEM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

MBSP-3 Datasheet(HTML) 11 Page - Pentair plc. All rights reserved.

Back Button MBSP-3 Datasheet HTML 7Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 8Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 9Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 10Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 11Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 12Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 13Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 14Page - Pentair plc. All rights reserved. MBSP-3 Datasheet HTML 15Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
IF GATEWAY LED LIGHT IS NOT GREEN (GREEN, SLOW BLINK) FIRST TRY TO “POWER CYCLE” THE GATEWAY (UNPLUG THE POWER
CORD, WAIT 15+ SECONDS, THEN RE-APPLY POWER).
Gateway Status
Indicator (LED Color)
Definition
Action Needed
Green
Power on: gateway connected to servers.
OK - Connection complete and operational
Green, quick blink
Power on: data traffic to servers.
OK - Operating, data is moving between BBU and
Server
Green, slow blink
(1-2 blinks per second)
Power on: gateway connected to local router, but
not connected to Internet or servers.
System is online and scanning for destination/server
(add a network switch inline to help define unit).
Red
Power on: gateway has no local connection to
router. The gateway does not "recognize/see" that it
is connected to the router.
Check Ethernet cable connections and/or quality
or cable. Try a different router port. Is the router
turned on.
Red, slow blink
(1-2 blinks per second)
Power on: gateway communicating with router, but
router cannot assign Dynamic Host Configuration
Protocol (DHCP) or Domain Name System (DNS) to
gateway.
Router is not permitting the gateway to access the
internet (add a network switch inline to help define
unit).
Off
Power off or product fault.
Check power source, verify power adapter is
functioning. Defective gateway.
Gateway Troubleshooting
Link
2O
™
Setup
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com